Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8573 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8573
Description  Clock/calendar with Power Fail Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8573 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8573 Datasheet HTML 1Page - NXP Semiconductors PCF8573 Datasheet HTML 2Page - NXP Semiconductors PCF8573 Datasheet HTML 3Page - NXP Semiconductors PCF8573 Datasheet HTML 4Page - NXP Semiconductors PCF8573 Datasheet HTML 5Page - NXP Semiconductors PCF8573 Datasheet HTML 6Page - NXP Semiconductors PCF8573 Datasheet HTML 7Page - NXP Semiconductors PCF8573 Datasheet HTML 8Page - NXP Semiconductors PCF8573 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1997 Mar 28
3
Philips Semiconductors
Product specification
Clock/calendar with Power Fail Detector
PCF8573
1
FEATURES
• Serial input/output I2C-bus interface for minutes, hours,
days and months
• Additional pulse outputs for seconds and minutes
• Alarm register for presetting a time for alarm or remote
switching functions
• On-chip power fail detector
• Separate ground pin for the clock allows easy
implementation of battery back-up during supply
interruption
• Crystal oscillator control (32.768 kHz)
• Low power consumption.
2
GENERAL DESCRIPTION
The PCF8573 is a low threshold, CMOS circuit that
functions as a real time clock/calendar. Addresses and
data are transferred serially via the two-line bidirectional
I2C-bus.
The IC incorporates an addressable time counter and an
addressable alarm register for minutes, hours, days and
months. Three special control/status flags, COMP, POWF
and NODA, are also available. Back-up for the clock during
supply interruptions is provided by a 1.2 V nickel cadmium
battery. The time base is generated from a 32.768 kHz
crystal-controlled oscillator.
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDD − VSS1
supply voltage, clock (pin 16 to pin 15)
1.1
−
6.0
V
VDD − VSS2
supply voltage, I2C-bus (pin 16 to pin 8)
2.5
−
6.0
V
fosc
crystal oscillator frequency
−
32.768
−
kHz
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8573P
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
PCF8573T
SO16
plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com