Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8573 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF8573
Description  Clock/calendar with Power Fail Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8573 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF8573 Datasheet HTML 7Page - NXP Semiconductors PCF8573 Datasheet HTML 8Page - NXP Semiconductors PCF8573 Datasheet HTML 9Page - NXP Semiconductors PCF8573 Datasheet HTML 10Page - NXP Semiconductors PCF8573 Datasheet HTML 11Page - NXP Semiconductors PCF8573 Datasheet HTML 12Page - NXP Semiconductors PCF8573 Datasheet HTML 13Page - NXP Semiconductors PCF8573 Datasheet HTML 14Page - NXP Semiconductors PCF8573 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1997 Mar 28
11
Philips Semiconductors
Product specification
Clock/calendar with Power Fail Detector
PCF8573
Table 3
MODE-POINTER-word, CONTROL-nibble (bits 8, 7, 6 and 5)
Note
1. If the seconds counter is below 30 there is no carry. This causes a time adjustment of max.
−30 s. From the count
30 there is a carry which adjusts the time by max.
+30 s.
Table 4
MODE-POINTER-word, ADDRESS-nibble (bits 4, 3, 2 and 1)
At the end of each data word the address bits B1, B0 will be incremented automatically provided the preceding
CONTROL-nibble is set to EXECUTE ADDRESS. There is no carry to B2.
Table 5 shows the placement of the BCD upper and lower digits in the DATA byte for writing into the addressed part of
the time counter and alarm register respectively.
Table 6 shows the acknowledgement response of the clock calendar as a slave receiver.
Table 5
Placement of BCD digits in the DATA byte; note 1
Note
1. ‘X’ is the don’t care bit; ‘D’ is the data bit.
BIT 8
C2
C1
C0
FUNCTION
0000
execute address
0001
read control/status flags
0010
reset prescaler, including seconds counter; without carry for minute counter
0011
time adjust, with carry for minute counter (note 1)
0100
reset NODA flag
0101
set NODA flag
0110
reset COMP flag
BIT 4
B2
B1
B0
ADDRESSED TO:
0000
time counter hours
0001
time counter minutes
0010
time counter days
0011
time counter months
0100
alarm register hours
0101
alarm register minutes
0110
alarm register days
0111
alarm register months
MSB
DATA
LSB
UPPER DIGIT
LOWER DIGIT
UD
UC
UB
UA
LD
LC
LB
LA
ADDRESSED TO:
X
X
D
DDDD
D
hours
X
D
D
DDDD
D
minutes
X
X
D
DDDD
D
days
X
X
X
DDDD
D
months



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com