Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8573 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8573
Description  Clock/calendar with Power Fail Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8573 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8573 Datasheet HTML 12Page - NXP Semiconductors PCF8573 Datasheet HTML 13Page - NXP Semiconductors PCF8573 Datasheet HTML 14Page - NXP Semiconductors PCF8573 Datasheet HTML 15Page - NXP Semiconductors PCF8573 Datasheet HTML 16Page - NXP Semiconductors PCF8573 Datasheet HTML 17Page - NXP Semiconductors PCF8573 Datasheet HTML 18Page - NXP Semiconductors PCF8573 Datasheet HTML 19Page - NXP Semiconductors PCF8573 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
1997 Mar 28
16
Philips Semiconductors
Product specification
Clock/calendar with Power Fail Detector
PCF8573
13 AC CHARACTERISTICS
VSS2 =0V; Tamb = −40 to +85 °C unless otherwise specified. Typical values at Tamb = +25 °C.
Notes
1. All timing values are valid within the operating supply voltage and ambient temperature range and reference to VIL
and VIH with an input voltage swing of VSS to VDD.
2. A detailed description of the I2C-bus specification, with applications, is given in brochure
“The I2C-bus and how to
use it”. This brochure may be ordered using the code 9398 393 40011.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Rise and fall times of input signals
tr
rise time
input EXTPF
−−
1
µs
input PFIN
−−∞
µs
all other inputs (levels
between VIL and VIH)
−−
1
µs
tf
fall time
input EXTPF
−−
1
µs
input PFIN
−−∞
µs
all other inputs (levels
between VIL and VIH)
−−
0.3
µs
Oscillator
Cosc
integrated oscillator capacitance
−
40
−
pF
Rf
oscillator feedback resistance
−
3
−
M
Ω
∆fosc
oscillator stability
∆(VDD − VSS1) = 100 mV;
Tamb =25 °C;
(VDD − VSS1) = 1.55 V
−
2
× 10−7 −
Quartz crystal parameters (f = 32.768 kHz)
Rs
series resistance
−−
40
k
Ω
CL
parallel load capacitance
−
10
−
pF
CT
trimmer capacitance
5
−
25
pF
I2C-bus timing (see Fig.12; notes 1 and 2)
fSCL
SCL clock frequency
−−
100
kHz
tSP
tolerable spike width on bus
−−
100
ns
tBUF
bus free time
4.7
−−µs
tSU;STA
START condition set-up time
4.7
−−µs
tHD;STA
START condition hold time
4.0
−−µs
tLOW
SCL LOW time
4.7
−−µs
tHIGH
SCL HIGH time
4.0
−−µs
tr
SCL and SDA rise time
−−
1.0
µs
tf
SCL and SDA fall time
−−
0.3
µs
tSU;DAT
data set-up time
250
−−
ns
tHD;DAT
data hold time
0
−−
ns
tVD;DAT
SCL LOW to data out valid
−−
3.4
µs
tSU;STO
STOP condition set-up time
4.0
−−µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com