Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8820 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 4Page - NXP Semiconductors PCF8820 Datasheet HTML 5Page - NXP Semiconductors PCF8820 Datasheet HTML 6Page - NXP Semiconductors PCF8820 Datasheet HTML 7Page - NXP Semiconductors PCF8820 Datasheet HTML 8Page - NXP Semiconductors PCF8820 Datasheet HTML 9Page - NXP Semiconductors PCF8820 Datasheet HTML 10Page - NXP Semiconductors PCF8820 Datasheet HTML 11Page - NXP Semiconductors PCF8820 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
2000 Dec 07
8
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
7.11
Bias voltage generator
The bias voltage generator generates 4 buffered
intermediate LCD bias voltages. It contains 4 operational
amplifiers and an input reference voltage generator. It can
operate in two voltage ranges:
• Normal mode (from 7.0 to 14.5 V)
• Partial screen mode (from 4.5 to 14.5 V).
7.12
High voltage generator
The high voltage generator contains a voltage multiplier
which uses a charge pump circuit supplied by VDD2 and
VDD3.
The multiplier is software programmable with a factor from
2 to 8. In the direct drive mode the output voltage
VLCDOUT =VDD2.
7.13
Temperature compensation
The viscosity of the liquid crystal depends on the
temperature; so to maintain optimum contrast at lower
temperatures VLCD needs usually to be increased. Fig.2
shows VLCD as a function of the temperature for a typical
high multiplex rate liquid crystal.
Linear temperature compensation is supported in the
PCF8820. The temperature coefficient for VLCDOUT can be
set to one of 8 values by setting bits TC2 to TC0.
7.14
Temperature sensor
The PCF8820 has a built-in temperature sensor. The
sensor monitors the temperature and writes an 8-bit
number into the status register. The temperature sensor
and status register can both be accessed via the I2C-bus
interface controller.
The temperature sensor allows any temperature
compensation to be implemented; any programmable
parameter can be optimized as a function of the sensor
read-out temperature.
7.15
LCD driver waveforms
The LCD waveforms are shown in Figs 3, 4 and 5.
At frame inversion, the PCF8820 generates a dummy row
cycle, where no row is selected. This ensures equal
conditions for the first row after frame inversion as for the
other rows. Therefore the effective multiplex rate in all
modes is 1 : (multiplex rate + 1).
7.16
DDRAM to display mapping
DDRAM to display mapping is shown in Fig.6.
handbook, halfpage
MGT123
VLCD
(V)
Tamb (°C)
0
(1)
(2)
Fig.2
LCD supply voltage as a function of the
temperature.
(1) LCD characteristic.
(2) Linear temperature compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com