Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8820 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 22Page - NXP Semiconductors PCF8820 Datasheet HTML 23Page - NXP Semiconductors PCF8820 Datasheet HTML 24Page - NXP Semiconductors PCF8820 Datasheet HTML 25Page - NXP Semiconductors PCF8820 Datasheet HTML 26Page - NXP Semiconductors PCF8820 Datasheet HTML 27Page - NXP Semiconductors PCF8820 Datasheet HTML 28Page - NXP Semiconductors PCF8820 Datasheet HTML 29Page - NXP Semiconductors PCF8820 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
2000 Dec 07
26
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
It is not possible to measure temperature in Power-down
mode.
During a temperature measurement, the status register
value remains zero until the measurement has completed
and then the register is updated with the current
temperature value (non-zero value). Because the I2C-bus
interface is asynchronous to the temperature
measurement, the value read from the status register
should be validated by reading the status register a few
times.
During a temperature measurement, the temperature
coefficient (TC) has to be selected.
The ideal temperature read-out can be calculated by the
equation:
where T is the on-chip temperature in
°C and ‘a’ is the
conversion constant (see Chapter 11).
To improve the accuracy of the temperature
measurement, it is recommended that the temperature
read-out is calibrated during the product’s final assembly.
Calibration of the temperature read-out requires a
measurement to be made at a defined ideal temperature.
The offset between the ideal temperature value and the
measured temperature value is calculated by:
TRoffset =TRideal − TRmeas
where TRmeas is the actual temperature read-out of the
PCF8820. The offset value must be stored in a non-volatile
register, such as an EEPROM.
A calibrated temperature read-out can be calculated for
each measurement by the equation:
TRcal =TRmeas +TRoffset
The accuracy after the calibration is
±10% ±1 bit of the
difference between the measured temperature and the
calibration temperature. For this reason, it is
recommended that a calibration is performed at or near the
most sensitive LCD temperature.
For example: calibration temperature is 25
°C and the
measured temperature is
−20 °C. The relative error
A=
±0.10 × {25 − (−20)} ±1 bit × a
A=
±4.5 ±1.13
A=
±5.63 °C.
This calibration accuracy is valid for temperature
measurements made when the supply voltage value is the
same as when it was calibrated.
8.1.7
VLCD CONTROL REGISTER
The VLCDOUT value can be set by software using the
bits VOP6 to VOP0 of the VLCD control register.
The programmed value for VLCD has to be calculated for a
reference temperature, called the cut-point temperature
Tcp, using the equation:
VLCD (at Tcp)=a+b × VOP
The values for parameters Tcp, a and b are given in
Table 7, and their relationship with the VLCD control
register values are shown in Fig.20.
The VLCDOUT generated is dependent on the operating
temperature Toper, the selected temperature coefficient TC
and the programmed value for VLCD at the reference
temperature Tcp and is calculated by the equation:
VLCD (at Toper)=VLCD (at Tcp) × {1 + TC × (Toper − Tcp)}
Two overlapping VLCD ranges are selectable by bit PRS
(see Table 7 and Fig.20). The maximum voltage that can
be generated depends on the values of VDD2 and VDD3,
and the display load current. At a multiplex rate of 1 : 67,
the optimum operating voltage for the LCD can be
calculated by the equation:
where Vth is the threshold voltage of the liquid crystal
material used.
The practical value for VLCD is determined by equating
Voff(rms) with the defined LCD threshold voltage (Vth), which
is the typically value when the LCD exhibits approximately
10% contrast.
Table 7
Parameter values for programming VLCD control
register
TR
ideal
128
T
27
°C
–
()
+
1
a
---
×
=
SYMBOL
VALUE
UNIT
BIT PRS = 0
BIT PRS = 1
Tcp
23.0
23.0
°C
a
4.500
10.215
V
b
0.045
0.045
V
programming
range
4.5 to 10.215
10.215 to 15.93
V
V
LCD
167
1
+
+
21
1
67
1
+
--------------------
–


×
-------------------------------------------------
V
th
×
6.975
≅
V
th
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com