Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8820 Datasheet (PDF) - NXP Semiconductors

PCF8820 Datasheet PDF - NXP Semiconductors
Part # PCF8820
Download  PCF8820 Download
File Size   316.77 Kbytes
Page   60 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 67 x 101 Grey-scale/ECB colour dot matrix LCD driver

PCF8820 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF8820 Datasheet PDF - NXP Semiconductors

Part # PCF8820
Download  PCF8820 Click to download

File Size   316.77 Kbytes
Page   60 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 67 x 101 Grey-scale/ECB colour dot matrix LCD driver

PCF8820 Datasheet (HTML) - NXP Semiconductors


PCF8820 Product details

GENERAL DESCRIPTION
The PCF8820 is a low power CMOS LCD row/column driver, designed to drive grey-scale/ ECB colour dot matrix graphic displays at a multiplex rate of 1 : 67. In the partial screen mode, only 8 rows are driven at a multiplex rate of 1 : 8.

FEATURES
• Single-chip LCD controller and driver for grey-scale/Electrically Controlled Birefringence (ECB) colour
• 4 grey levels/colours (2-bit) definable from 64 levels
• 67 row and 101 column outputs
• Display data RAM 67 × 101 × 2-bit with linear RAM addressing
• Partial screen mode with reduced current consumption (8 rows at top or bottom of display)
• On-chip:
   – Generation of LCD supply voltage (VLCDOUT); external supply also possible
   – Configurable voltage multiplier factor of 8, 7, 6, 5, 4, 3 or 2; direct drive also possible
   – Selectable linear temperature compensation of VLCDOUT
   – Generation of intermediate LCD bias voltages
   – Oscillator requires no external components; external clock also possible.
• Temperature read-out
• Fast mode I2C-bus interface (400 kbits/s)
• Frame frequency calibration via software
• Software selectable bias configuration
• Compatible with 4-bit, 8-bit or 16-bit microcontrollers
• Multiplex rates of 1 : 67 or 1 : 8
• Logic supply voltage range from 2.5 to 5.5 V (VDD1 to VSS1)
• High voltage generator supply voltage range from 2.7 to 5.5 V (VDD2 to VSS1 and VDD3 to VSS2)
• Bias voltage generator supply voltage range (VLCDIN to VSS1):
   – From 7 to 14.5 V at a multiplex rate of 1 : 67
   – From 4.5 to 14.5 V in partial screen mode at a multiplex rate of 1 : 8.
• Low power consumption, suitable for battery operated systems
• Slim chip layout, suitable for chip-on-glass applications
• Software selectable top and bottom row swap for adapting driver to different glass-layouts
• CMOS compatible inputs
• Manufactured in silicon gate CMOS process.

APPLICATIONS
• Mobile telecommunication systems
• Battery powered equipment
• Point of sale terminals
• Instrumentation
• Automotive information systems.




Similar Part No. - PCF8820

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8801 PHILIPS-PCF8801 Datasheet
85Kb / 20P
LCD driver for 140 x 2 segments
2000 Feb 04
PCF8801U PHILIPS-PCF8801U Datasheet
85Kb / 20P
LCD driver for 140 x 2 segments
2000 Feb 04
PCF8811 PHILIPS-PCF8811 Datasheet
434Kb / 73P
80 x 128 pixels matrix LCD driver
2004 May 17
PCF8811 NXP-PCF8811 Datasheet
440Kb / 81P
80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
PCF8811 NXP-PCF8811 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results


Similar Description - PCF8820

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
Dot-Matrix LCD Driver
logo
Hitachi Semiconductor
HD66420 HITACHI-HD66420 Datasheet
167Kb / 52P
(RAM-Provided 160 Channel 4-Level Grey Scale Driver for Dot Matrix Graphics LCD)
logo
NXP Semiconductors
PCF8813 PHILIPS-PCF8813 Datasheet
446Kb / 72P
(67 1) x 102 pixels matrix LCD driver
2004 Mar 05
logo
Hitachi Semiconductor
HD66421 HITACHI-HD66421 Datasheet
180Kb / 46P
(RAM-Provided 160 Channel 4-Level Grey Scale Driver for Dot Matrix Graphics LCD)
logo
ELMOS Semiconductor AG
E910.37 ELMOS-E910.37 Datasheet
122Kb / 1P
LCD controller, driver for grey scale, ECB color displays
logo
Sitronix Technology Co....
ST7528 SITRONIX-ST7528 Datasheet
1Mb / 97P
16 Gray Scale Dot Matrix LCD Controller/Driver
ST7529 SITRONIX-ST7529 Datasheet
1Mb / 86P
32 Gray Scale Dot Matrix LCD Controller/Driver
ST7541 SITRONIX-ST7541 Datasheet
1Mb / 78P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7571 SITRONIX-ST7571 Datasheet
1Mb / 76P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7586S SITRONIX-ST7586S Datasheet
675Kb / 63P
4-Level Gray Scale Dot Matrix LCD Controller/Driver
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com