Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8820 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8820 Datasheet HTML 1Page - NXP Semiconductors PCF8820 Datasheet HTML 2Page - NXP Semiconductors PCF8820 Datasheet HTML 3Page - NXP Semiconductors PCF8820 Datasheet HTML 4Page - NXP Semiconductors PCF8820 Datasheet HTML 5Page - NXP Semiconductors PCF8820 Datasheet HTML 6Page - NXP Semiconductors PCF8820 Datasheet HTML 7Page - NXP Semiconductors PCF8820 Datasheet HTML 8Page - NXP Semiconductors PCF8820 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
2000 Dec 07
2
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
CONTENTS
1
FEATURES
2
APPLICATIONS
3
GENERAL DESCRIPTION
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
PINNING
6.1
Pad configuration
6.2
Pad functions
6.2.1
Row driver outputs
6.2.2
Column driver outputs
6.2.3
Ground supply
6.2.4
Supply voltage
6.2.5
Voltage multiplier output
6.2.6
Voltage multiplier regulation input
6.2.7
Supply voltage of bias voltage generator
6.2.8
LCD intermediate bias voltages
6.2.9
Serial data input
6.2.10
Serial data output
6.2.11
Serial clock input
6.2.12
Slave address inputs
6.2.13
Oscillator signal input
6.2.14
External reset input
6.2.15
Test pads
7
FUNCTIONAL DESCRIPTION
7.1
Oscillator
7.2
I2C-bus interface controller
7.3
Input filters
7.4
Display Data RAM (DDRAM)
7.5
Timing generator
7.6
Address counter
7.7
Display address counter
7.8
Command decoder
7.9
Column driver outputs
7.10
Row driver outputs
7.11
Bias voltage generator
7.12
High voltage generator
7.13
Temperature compensation
7.14
Temperature sensor
7.15
LCD driver waveforms
7.16
DDRAM to display mapping
7.17
DDRAM addressing
7.18
I2C-bus interface
7.18.1
Bit transfer
7.18.2
START and STOP conditions
7.18.3
System configuration
7.18.4
Acknowledge
7.18.5
I2C-bus protocol
7.18.6
Command decoder
7.18.7
Display data byte
8
INSTRUCTIONS
8.1
Description of the bit functions
8.1.1
Power-down mode
8.1.2
Partial screen mode
8.1.3
Y-address of DDRAM
8.1.4
Bias system
8.1.5
High voltage generator configuration
8.1.6
Temperature read-out
8.1.7
VLCD control register
8.1.8
Grey-scale register and grey-scale level
8.1.9
Direct drive mode
8.1.10
Frame frequency calibration
8.2
Reset and initialization
9
LIMITING VALUES
10
HANDLING
11
DC CHARACTERISTICS
12
TIMING
13
APPLICATION INFORMATION
13.1
Programming example for the PCF8820
13.2
Examples of effects on the display
13.3
High voltage generator
13.4
Application for COG
13.5
Typical system configuration
13.6
External supply of VLCDIN
14
BONDING PAD INFORMATION
15
DEVICE PROTECTION CIRCUITS
16
TRAY INFORMATION
17
DATA SHEET STATUS
18
DEFINITIONS
19
DISCLAIMERS
20
BARE DIE DISCLAIMER
21
PURCHASE OF PHILIPS I2C COMPONENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com