Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8820 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 14Page - NXP Semiconductors PCF8820 Datasheet HTML 15Page - NXP Semiconductors PCF8820 Datasheet HTML 16Page - NXP Semiconductors PCF8820 Datasheet HTML 17Page - NXP Semiconductors PCF8820 Datasheet HTML 18Page - NXP Semiconductors PCF8820 Datasheet HTML 19Page - NXP Semiconductors PCF8820 Datasheet HTML 20Page - NXP Semiconductors PCF8820 Datasheet HTML 21Page - NXP Semiconductors PCF8820 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
2000 Dec 07
18
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
For a read sequence (see Fig.18), the addressed
PCF8820 will immediately start to output the requested
data until a NOT acknowledge is transmitted by the
master. Before the read access, the user has to set bit RS
to the appropriate value by a preceding write access. The
sequence should be terminated by a STOP condition
when no further access is required, or by a RE-START
condition if further access is required.
7.18.6
COMMAND DECODER
The command decoder identifies command words
received via the I2C-bus.
Bit 7 of the control byte is named bit Co (see Fig.16):
• Bit Co = 1 indicates that only one command byte or
DDRAM data byte will follow next
• Bit Co = 0 indicates that a stream of command bytes or
DDRAM data bytes will follow next depending on last
status of bit RS.
Bit 6 of a control byte is named bit RS:
• Bit RS = 1 indicates that another DDRAM data byte will
follow next
• Bit RS = 0 indicates that another command byte will
follow next.
The definition of bits Co and RS is shown in Table 1.
7.18.7
DISPLAY DATA BYTE
A display data byte for grey-scale is shown in Fig.19.
MGT126
S 01111
S
A
0
1A
acknowledgement
from PCF8820
not acknowledgement
from master
temperature
readout value
AP
S
A
1
slave address
R/W
STOP condition
Fig.18 Read sequence: master receives bytes
from slave transmitter status register.
MGT127
P3
LSB
pixel 3
pixel 2
pixel 1
pixel 0
P3
MSB
P2
LSB
P2
MSB
P1
LSB
P1
MSB
P0
LSB
P0
MSB
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
MSB
LSB
Fig.19 Grey-scale display data byte.
Table 1
Definition of bits Co and RS
BIT
VALUE
ACTION
Co
0
last control byte to be sent; only a stream of data bytes are allowed to follow; this stream may
only be terminated by a STOP or RE-START condition
1
another control byte will follow the data byte unless a STOP or RE-START condition is
received
RS
0
data byte will be decoded and used to set up the device
data byte will return the sensor temperature read-out
1
data byte will be stored in the DDRAM
RAM read-back (not supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com