Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT41000-102 Datasheet(PDF) 7 Page - Qorvo, Inc

Part # ACT41000-102
Description  Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT41000-102 Datasheet(HTML) 7 Page - Qorvo, Inc

Back Button ACT41000-102 Datasheet HTML 3Page - Qorvo, Inc ACT41000-102 Datasheet HTML 4Page - Qorvo, Inc ACT41000-102 Datasheet HTML 5Page - Qorvo, Inc ACT41000-102 Datasheet HTML 6Page - Qorvo, Inc ACT41000-102 Datasheet HTML 7Page - Qorvo, Inc ACT41000-102 Datasheet HTML 8Page - Qorvo, Inc ACT41000-102 Datasheet HTML 9Page - Qorvo, Inc ACT41000-102 Datasheet HTML 10Page - Qorvo, Inc ACT41000-102 Datasheet HTML 11Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
ACT41000
Programmable Voltage, Programmable Current, Low Noise
RFPoL Step-Down Voltage Regulator
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
SYNC Pin Input
Threshold
VIT(SYNC)
SYNC pin in slave
0.55
1.4
V
VOH(SYNC)
SYNC pin in master, outputs logic-H
3.2
V5V
SYNC Pin Output
Voltage
VOL(SYNC)
SYNC pin in master, outputs logic-L
0
0.8
V
I
2
C PINS
Input Threshold
VIT(I2C)
SDA and SCL pins
0.55
1.25
V
Leakage Current
ILK(SDA)
VSDA = 5 V
1
µA
Output Voltage
VOL(SDA)
5 mA Current into SDA pin
0.35
V
Input Capacitance
CI(I2C)
SDA and SCL pins
10
pF
MAIN-BUCK REGULATOR
VDACOUT(24)
24 V target (DACOUT[10:0] = 0x780), 50 µA
current DACOUT sourcing
-0.5%
3.0
+0.5%
VDACOUT(5)
5 V target (DACOUT[10:0] = 0x190), 50 µA
current DACOUT sourcing
-0.5%
0.625
+0.5%
V
DACOUT Accuracy
ΔV
DACOUT
VDACOUT(n+1) - VDACOUT(n)
0
1.5625
mV
FB_VO Accuracy
VO
W.r.t. VREFIN, VREFIN = 3 V
-1%
24
1%
V
ILIM(100)
100% target (ILIM[7:0] = 0xFF)
98.5
101.5
ILIM(25)
25% target (ILIM[7:0] = 0x3F)
24.25
25.75
Output Current Limit
Programming Accuracy
ΔI
LIM
ILIM(n+1) - ILIM(n)
0
0.4
µA
VCCMODE(100) Differential voltage (VFB_VO - VCSN) at VLIM =
1.6 V
78.5
81.5
Constant Current
Operation Programming
Accuracy
VCCMODE(25) Differential voltage (VFB_VO - VCSN) at VLIM =
0.4 V
19.3
20.7
mV
PG Output Voltage
VOL(PG)
PG at logic-L, 1 mA Current into PG pin
0.3
V
PG Threshold Upper
Limit
[1]
VIH(VO)
Threshold of Reg03[2], VO_FB w.r.t. VREFIN,
VREFIN = 3 V
+5%
+8%
PG Threshold Lower
Limit
[1]
VIL(VO)
Threshold of Reg03[2], VO_FB w.r.t. VREFIN,
VREFIN = 3 V
-8%
-5%
FB_VO
Over-voltage
VOVP
VO_FB w.r.t. VREFIN, VREFIN = 3 V
+8%
V
VUVP(CC)
Reg0B[3] = logic-L, VO_FB w.r.t. VREFIN,
VREFIN = 3 V
2.7
2.76
FB_VO
Under-voltage
[2]
VUVP(CV)
Reg0B[3] = logic-H, VO_FB w.r.t. VREFIN,
VREFIN = 3 V
-8%
V
VIT(CC,rise)
Enable CC loop, Reg09[3] = logic-H, VO_FB
rising
2.3
2.5
FB_VO
Constant Current
Activation Threshold
VIT(CC,fall)
Disable CC loop, Reg09[3] = logic-H, VO_FB
falling
2.2
V
IOCP(CBC,high) High-side FET limit to trigger
5.5
Main-buck Cycle-by-
cycle Current Limit
IOCP(CBC,low) Low-side FET limit to release
4.2
A
ACT41000 Data Sheet, Rev. B, 01-Apr-2022
Subject to change without notice
7
www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com