Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT41000-102 Datasheet(PDF) 52 Page - Qorvo, Inc

Part # ACT41000-102
Description  Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT41000-102 Datasheet(HTML) 52 Page - Qorvo, Inc

Back Button ACT41000-102 Datasheet HTML 48Page - Qorvo, Inc ACT41000-102 Datasheet HTML 49Page - Qorvo, Inc ACT41000-102 Datasheet HTML 50Page - Qorvo, Inc ACT41000-102 Datasheet HTML 51Page - Qorvo, Inc ACT41000-102 Datasheet HTML 52Page - Qorvo, Inc ACT41000-102 Datasheet HTML 53Page - Qorvo, Inc ACT41000-102 Datasheet HTML 54Page - Qorvo, Inc ACT41000-102 Datasheet HTML 55Page - Qorvo, Inc ACT41000-102 Datasheet HTML 56Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
ACT41000
Programmable Voltage, Programmable Current, Low Noise
RFPoL Step-Down Voltage Regulator
0x01: Interrupt #1
0x02: Interrupt #2
The registers 0x01 and 0x02 are Read Only. These 2 registers indicate cause(s) of the latest interrupt event by setting 1 at
corresponding bit(s), so bit(s) of 0 mean nothing happened (normal). In the Reg01 and Reg02, trigger events setting 1 are
described. See Interrupt Output.
Bits in these registers will be automatically cleared by reading the value with an I
2C command.
This automatic bit-clear action applies if the cause of an interrupt is resolved at the timing of a READ action.
For most of the bits in 0x01 and 0x02, the automatic bit-clear happens because these protection events
trigger shutdown actions to resolve the error situation.
Table 9. Register 0x01
Bit #
Bit(s) Name
Def
Description
7
Main-buck in CC/CV
0
Becomes 1 when the main-buck transits
CC⇒CV or CV⇒CC. See
CC / CV Interrupt/Monitor.
6
0
(un-used bit)
5
Out of Range, SYNC Input
0
Becomes 1 when the SYNC pin input clock is out of range. See
Clock Synchronizer.
4
Out of Range, RFREQ
0
Becomes 1 when the RFREQ value, probed, is out of range. See
RFREQ Protection.
3
TSD(HARD) Event
0
Becomes 1 when the TJ exceeds the TSD(HARD) threshold. See
Thermal Protection.
2
TSD(SOFT) Event
0
Becomes 1 when the TJ exceeds the TSD(SOFT) threshold. See
Thermal Protection.
1
0
(un-used bit)
0
VIT(OVLO) Event
0
Becomes 1 when the VPVIN exceeds the VIT(OVLO) threshold. See
Over-Voltage Lock-Out.
Table 10. Register 0x02
Bit #
Bit(s) Name
Def
Description
7
0
(un-used bit)
6
Main-buck Over-current Event
0
Becomes 1 when the output current in Over-Current Protection.
5
VOVP Event
0
Becomes 1 when the VO exceeds the VOVP threshold. See Over-
Voltage Protection
4
VUVP(CV) or VUVP(CC) Event
0
Becomes 1 when the VO falls below the VUVP(CV) or VUVP(CC)
threshold. See Under-Voltage Protection.
3
AUX LDO Under-voltage
0
Becomes 1 when the VO(VLDO) falls below the VUVP(VLDO) threshold.
See AUX LDO Under-Voltage Protection
2
IOCP(V5V) Event
0
Becomes 1 when the output current of the mini-buck exceeds the
IOCP(V5V) threshold. See Mini-buck Over-Current Protection.
1
VOVP(V5V) Event
0
Becomes 1 when the VO(V5V) exceeds the VOVP(V5V) threshold. See
Mini-buck Over-Voltage Protection.
0
VUVP(V5V) Event
0
Becomes 1 when the VO(V5V) falls below the VUVP(V5V) threshold. See
Mini-buck Under-Voltage Protection.
0x03: Status Flag
The register 0x03 is Read Only type. It indicates various status flags from internal circuit blocks.
ACT41000 Data Sheet, Rev. B, 01-Apr-2022
Subject to change without notice
52
www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com