Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT41000-102 Datasheet(PDF) 27 Page - Qorvo, Inc

Part # ACT41000-102
Description  Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT41000-102 Datasheet(HTML) 27 Page - Qorvo, Inc

Back Button ACT41000-102 Datasheet HTML 23Page - Qorvo, Inc ACT41000-102 Datasheet HTML 24Page - Qorvo, Inc ACT41000-102 Datasheet HTML 25Page - Qorvo, Inc ACT41000-102 Datasheet HTML 26Page - Qorvo, Inc ACT41000-102 Datasheet HTML 27Page - Qorvo, Inc ACT41000-102 Datasheet HTML 28Page - Qorvo, Inc ACT41000-102 Datasheet HTML 29Page - Qorvo, Inc ACT41000-102 Datasheet HTML 30Page - Qorvo, Inc ACT41000-102 Datasheet HTML 31Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
ACT41000
Programmable Voltage, Programmable Current, Low Noise
RFPoL Step-Down Voltage Regulator
Mini-buck Switching Operations
Mini-buck Forced Continuous Conduction Operation
By setting I
2C Reg0F[5] to Logic-H, the device operates in a forced continuous conduction mode (FCCM). With this FCCM
operation, the regulator maintains its switching frequency to meet the fSW(V5V) target. This fSW(V5V) parameter ensures that
its operation frequency do not interfere with AM radio frequency by staying above the AM band.
Mini-buck Pulse-skip Operation
By setting I
2C Reg0F[5] to Logic-L, the device operates in a pulse-skipping mode, or so-called, in a light-load efficiency
mode.
When its load current goes low, the inductor (coil) current starts flowing in reverse direction (negative current). As the
regulator detects continuous reverse current flow cycles, it activates the pulse-skip operation by blocking the reverse current
flow.
By blocking a reverse current flow, an energy amount delivered during one switching period is bigger than the one period
energy amount of FCCM operation and the output has a bigger ripple voltage. This bigger ripple results in less switching
events to reduce power loss related to a switching action. So it improves its conversion efficiency.
During this pulse-skip operation, its switching frequency may stay inside AM radio frequency band.
Mini-buck 100% Duty Operation
When the VIN pin voltage is close to the target output voltage VO(V5V), the mini-buck gets into 100% duty mode by setting
I
2C Reg0F[7].
Without this 100% duty mode (disabled), the device is designed to output a minimum OFF period at each cycle, even
though its internal PWM comparator continuously demands more ON duty. This minimum OFF pulse helps to stay at its
target switching frequency but it is not desirable when the input voltage is very close to the output as the output voltage
starts dropping.
When the 100% duty mode is enabled, the device stops forcing the minimum OFF pulse and the high-side FET maintains
ON for multiple cycles without turning OFF as long as the PWM comparator indicates low feedback voltage. This 100% duty
operation helps bringing the output voltage close to the input.
Reg03[5] is set logic-H to indicate that the regulator is in 100% duty operation.
This 100% duty operation lowers its switching frequency and may stay at AM radio frequency band.
Mini-buck Spread-spectrum Operation
The mini-buck provides a spread-spectrum switching frequency control by setting I
2C Reg0F[6].
By activating the spread-spectrum function, the regulator modulates its switching frequency in the range of the fSPSP(V5V)
parameter and it repeats this frequency dithering action by the NSPSP(V5V) times of switching period. The spread-spectrum
operation improves its EMI performance by lowering noise peaks.
ACT41000 Data Sheet, Rev. B, 01-Apr-2022
Subject to change without notice
27
www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com