Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT41000-102 Datasheet(PDF) 16 Page - Qorvo, Inc

Part # ACT41000-102
Description  Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT41000-102 Datasheet(HTML) 16 Page - Qorvo, Inc

Back Button ACT41000-102 Datasheet HTML 12Page - Qorvo, Inc ACT41000-102 Datasheet HTML 13Page - Qorvo, Inc ACT41000-102 Datasheet HTML 14Page - Qorvo, Inc ACT41000-102 Datasheet HTML 15Page - Qorvo, Inc ACT41000-102 Datasheet HTML 16Page - Qorvo, Inc ACT41000-102 Datasheet HTML 17Page - Qorvo, Inc ACT41000-102 Datasheet HTML 18Page - Qorvo, Inc ACT41000-102 Datasheet HTML 19Page - Qorvo, Inc ACT41000-102 Datasheet HTML 20Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
ACT41000
Programmable Voltage, Programmable Current, Low Noise
RFPoL Step-Down Voltage Regulator
Figure 41. Main-buck Constant Current
VPVIN = 24 V, VFB_VO = 5 V (target), IOUT = 1,2,3,4 A
Figure 42. Clock-master: SYNC Output and SW Waveform
VPVIN = 24 V, RADDR = (open)
Figure 43. Clock-slave: SYNC Input and SW Waveform
VPVIN = 24 V, RADDR = 50 kΩ
ACT41000 Data Sheet, Rev. B, 01-Apr-2022
Subject to change without notice
16
www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com