Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT41000-102 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # ACT41000-102
Description  Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT41000-102 Datasheet(HTML) 4 Page - Qorvo, Inc

  ACT41000-102 Datasheet HTML 1Page - Qorvo, Inc ACT41000-102 Datasheet HTML 2Page - Qorvo, Inc ACT41000-102 Datasheet HTML 3Page - Qorvo, Inc ACT41000-102 Datasheet HTML 4Page - Qorvo, Inc ACT41000-102 Datasheet HTML 5Page - Qorvo, Inc ACT41000-102 Datasheet HTML 6Page - Qorvo, Inc ACT41000-102 Datasheet HTML 7Page - Qorvo, Inc ACT41000-102 Datasheet HTML 8Page - Qorvo, Inc ACT41000-102 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
ACT41000
Programmable Voltage, Programmable Current, Low Noise
RFPoL Step-Down Voltage Regulator
Pin Functions
PIN
NAME
DESCRIPTION
1
PGBIAS
Power-good output of the Mini-buck Regulator and Auxiliary LDO. Open-drain and a pull-up
resistor required. See PGBIAS Indicator Output.
2
VLDO
Output voltage node of the Auxiliary LDO. Connect a good quality, fixed value 1 µF capacitor
between this pin and the GND5V pin. See Auxiliary LDO.
3
V5V
5 V bias supply to the device and voltage feedback of the Mini-buck Regulator. Connect two
good quality capacitors in parallel, two 10 µF and one 0.1 µF between this pin and the GND5V
pin. Place the 0.1 µF capacitor with the minimum distance to the device.
4
GND5V
Ground node for the Mini-buck Regulator.
5
SW5V
Switching node of the Mini-buck Regulator.
6
VIN
Power supply to the device. Connect a good quality 1 µF capacitor, at least, between this pin
and the GND5V pin. On a PCB, tied to the PVIN pin.
7,8,17,18
PVIN
Power supply to the Main-buck Regulator. Connect good quality two 22 µF capacitors, at least,
between this pin and the PGND pins, also tie to the VIN pin.
9,10,15,16
PGND
Ground node for the Main-buck Regulator.
11,12,13
SW
Switching node of the Main-buck Regulator.
14
BOOT
Bootstrap capacitor node for the Main-buck Regulator. Connect a good quality, fixed value 0.1
µF capacitor between this pin and the SW pin.
19
PG
Power-good output of the Main-buck Regulator. Open-drain and a pull-up resistor required.
20
CSN
Current sense feedback input to the Main-buck Regulator. See Output Current Sensing.
21
FB_VO
Voltage feedback input to the Main-buck Regulator. See Reference Voltage Input.
22
COMP
Error amplifier output. Connect a compensation network between this pin and the AGND pin.
See Main-buck Compensation Network.
23
AGND
Ground node for analog blocks of the device.
24
DACOUT
Reference voltage output from the DAC. Usually, short to the REFIN pin. See Output Voltage
Reference.
25
REFIN
Reference voltage input to the Main-buck Regulator. See Reference Voltage Input.
26
ILIM
Output current limit programming of the Main-buck Regulator. Connect a resistor between this
pin and the AGND pin. See Output Current Reference.
27
ADDR
I
2C address selection. Connect a resistor between this pin and the ground. See I2C Address
Selection.
28
FREQ
Switching frequency programming of the Main-buck Regulator. Connect a resistor between this
pin and the AGND pin. See Clock Generator.
29
EN
Enable logic input for the Main-buck Regulator. See Main-buck Enable Control.
30
SYNC
Clock synchronizing input/output for the Main-buck Regulator. See Clock Synchronizer.
31
SCL
Clock port of the I
2C Interface. Open-drain and a pull-up resistor required.
32
SDA
Data port of the I
2C Interface. Open-drain and a pull-up resistor required.
Exposed PAD
Substrate contact for power dissipation. Connect to the PGND pins with a broad pattern.
ACT41000 Data Sheet, Rev. B, 01-Apr-2022
Subject to change without notice
4
www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com