Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT41000-103 Datasheet(PDF) 60 Page - Qorvo, Inc

Part # ACT41000-103
Description  Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT41000-103 Datasheet(HTML) 60 Page - Qorvo, Inc

Back Button ACT41000-103 Datasheet HTML 56Page - Qorvo, Inc ACT41000-103 Datasheet HTML 57Page - Qorvo, Inc ACT41000-103 Datasheet HTML 58Page - Qorvo, Inc ACT41000-103 Datasheet HTML 59Page - Qorvo, Inc ACT41000-103 Datasheet HTML 60Page - Qorvo, Inc ACT41000-103 Datasheet HTML 61Page - Qorvo, Inc ACT41000-103 Datasheet HTML 62Page - Qorvo, Inc ACT41000-103 Datasheet HTML 63Page - Qorvo, Inc ACT41000-103 Datasheet HTML 64Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
ACT41000
Programmable Voltage, Programmable Current, Low Noise
RFPoL Step-Down Voltage Regulator
0x0D: AUX LDO Value
The register 0x0D is Read / Write type. It programs AUX LDO value.
Table 25. Register 0x0D
Bit #
Bit(s) Name
Def
Description
7
0
(un-used bit)
6
0
(un-used bit)
5
LDO Voltage[5]
1
4
LDO Voltage[4]
1
3
LDO Voltage[3]
0
2
LDO Voltage[2]
0
1
LDO Voltage[1]
0
0
LDO Voltage[0]
0
See Table 26.
See AUX LDO Output Voltage Programming.
Table 26. LDO Voltage[5:0]
Value (bin)
Value (hex)
VO(VLDO) Voltage (V)
00 0000
0x00
0.90
00 0001
0x01
0.95
00 0010
0x02
1.00
00 0011
0x03
1.05
00 0110
0x06
1.20
00 1100
0x0C
1.50
01 0010
0x12
1.80
10 0000
0x20
2.50
10 1010
0x2A
3.00
11 0000
0x30
3.30 (default)
11 1101
0x3D
3.95
11 1110
0x3E
4.00
11 1111
0x3F
4.05
ACT41000 Data Sheet, Rev. B, 01-Apr-2022
Subject to change without notice
60
www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com