Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT41000-103 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # ACT41000-103
Description  Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT41000-103 Datasheet(HTML) 2 Page - Qorvo, Inc

  ACT41000-103 Datasheet HTML 1Page - Qorvo, Inc ACT41000-103 Datasheet HTML 2Page - Qorvo, Inc ACT41000-103 Datasheet HTML 3Page - Qorvo, Inc ACT41000-103 Datasheet HTML 4Page - Qorvo, Inc ACT41000-103 Datasheet HTML 5Page - Qorvo, Inc ACT41000-103 Datasheet HTML 6Page - Qorvo, Inc ACT41000-103 Datasheet HTML 7Page - Qorvo, Inc ACT41000-103 Datasheet HTML 8Page - Qorvo, Inc ACT41000-103 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
ACT41000
Programmable Voltage, Programmable Current, Low Noise
RFPoL Step-Down Voltage Regulator
Ordering Information
Figure 4. Part Numbering Structure
 
1. Standard product options are identified in this table. Contact local sales for custom options, minimum order quantity
required.
2. This device is RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means
semiconductor products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
3. See the Factory Programming Options section for more information about CMI.
User Programmable Parameter Default
PART NUMBER
AEC-Q100
(Drain) Output
Voltage
[1]
Precise Output
Current Limit
[2]
AUX LDO
Voltage
[3]
Target Qorvo
®
RF PA
ACT41000 101
5.0 V
4.0 A
3.3 V
(Generic Use)
ACT41000 102
24.0 V
4.0 A
3.3 V
SPATIUM® Products
ACT41000 103
6.0 V
2.0 A
3.3 V
TGA4544-SM
ACT41000 104
22.0 V
4.0 A
3.3 V
QPA2211
ACT41000 105
24.0 V
1.9 A
3.3 V
(Generic Use)
Not all options are released, please contact your local sales representatives or
customer.support@qorvo.com for a status and availability. Also, see Factory Programming Options.
Similar Devices
Following devices are similar to the ACT41000 device.
User Programmable Parameter Default
PART NUMBER
AEC-Q100
(Drain) Output
Voltage
[1]
Precise Output
Current Limit
[2]
AUX LDO
Voltage
[3]
Target Qorvo
®
RF PA
ACT41001-101
YES
5.0 V
4.0 A
3.3 V
(Generic Use)
Not all options are released, please contact your local sales representatives or
customer.support@qorvo.com for a status and availability. Also, see Factory Programming Options.
[1] Upon requests, output voltage options are available from 3.0 V to 24.0 V in 12.5mV steps, where a
minimum required quantity applies.
[2] Upon requests, precise output current limit options are available from 1 A to 4 A in 15.6 mA steps, where a
minimum required quantity applies.
[3] Upon requests, AUX LDO voltage options are available from 0.9 V to 4.05 V in 50 mV steps, where a
minimum required quantity applies.
ACT41000 Data Sheet, Rev. B, 01-Apr-2022
Subject to change without notice
2
www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com