Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT41000-103 Datasheet(PDF) 21 Page - Qorvo, Inc

Part # ACT41000-103
Description  Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT41000-103 Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button ACT41000-103 Datasheet HTML 17Page - Qorvo, Inc ACT41000-103 Datasheet HTML 18Page - Qorvo, Inc ACT41000-103 Datasheet HTML 19Page - Qorvo, Inc ACT41000-103 Datasheet HTML 20Page - Qorvo, Inc ACT41000-103 Datasheet HTML 21Page - Qorvo, Inc ACT41000-103 Datasheet HTML 22Page - Qorvo, Inc ACT41000-103 Datasheet HTML 23Page - Qorvo, Inc ACT41000-103 Datasheet HTML 24Page - Qorvo, Inc ACT41000-103 Datasheet HTML 25Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
ACT41000
Programmable Voltage, Programmable Current, Low Noise
RFPoL Step-Down Voltage Regulator
I
2
C One byte WRITE
Writing one byte of data into a target register is completed by one 3-byte I
2C WRITE command.
The one byte WRITE command byte format is
1. I
2C START
2. I
2C ACT41000 (target) device address
3. One zero bit for "write"
4. I
2C ACK from the ACT41000
(This is the end of the 1st byte.)
5. Target ACT41000 register address
(See Table 6.))
6. I
2C ACK from the ACT41000
(This is the end of the 2nd byte.)
7. Register value to write
8. I
2C ACK from the ACT41000
(This is the end of the 3rd byte.)
9. I
2C STOP
I
2
C Multi-byte WRITE
Writing multi-byte of data into target registers is completed by one multi-byte I
2C WRITE command.
The multi-byte WRITE command byte format is
1. I
2C START
2. I
2C ACT41000 (target) device address
3. One zero bit for "write"
4. I
2C ACK from the ACT41000
(This is the end of the 1st byte.)
5. The first/starting target ACT41000 register address, assume the address is "N" (See Table 6.))
6. I
2C ACK from the ACT41000
⇒ See "Reg Pointer" that the device sets the target register to "N", at the timing of the ACK.
(This is the end of the 2nd byte.)
7. Register value to write to the "N" register
8. I
2C ACK from the ACT41000
⇒ See "Reg Pointer" that the device automatically increments the target register at the timing of the ACK. So the next
write data goes to "N+1".
(This is the end of the 3rd byte.)
9. Register value to write to the "N+1" register
10. I
2C ACK from the ACT41000
⇒ Another "Reg Pointer" increment to "N+2" at the ACK.
(This is the end of the 4th byte.)
11. Register value to write to the "N+2" register
12. I
2C ACK from the ACT41000
⇒ Another "Reg Pointer" increment to "N+3" at the ACK, though the "N+3" is not used in this example.
(This is the end of the 5th byte.)
13. I
2C STOP
ACT41000 Data Sheet, Rev. B, 01-Apr-2022
Subject to change without notice
21
www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com