Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT41000-103 Datasheet(PDF) 45 Page - Qorvo, Inc

Part # ACT41000-103
Description  Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT41000-103 Datasheet(HTML) 45 Page - Qorvo, Inc

Back Button ACT41000-103 Datasheet HTML 41Page - Qorvo, Inc ACT41000-103 Datasheet HTML 42Page - Qorvo, Inc ACT41000-103 Datasheet HTML 43Page - Qorvo, Inc ACT41000-103 Datasheet HTML 44Page - Qorvo, Inc ACT41000-103 Datasheet HTML 45Page - Qorvo, Inc ACT41000-103 Datasheet HTML 46Page - Qorvo, Inc ACT41000-103 Datasheet HTML 47Page - Qorvo, Inc ACT41000-103 Datasheet HTML 48Page - Qorvo, Inc ACT41000-103 Datasheet HTML 49Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
ACT41000
Programmable Voltage, Programmable Current, Low Noise
RFPoL Step-Down Voltage Regulator
avoid an inconsistent PG output, the Servo Reference Control blocks the PG pin regardless of voltage or
current target changes.
Main-buck Power-Good Detail
The PG pin indicates the device is in a regulation of either CV or CC. When the PG pin is "good", the device provides
multiple bits for the detail of this power-good operation through the I
2C.
The Reg03[4] bit indicates whether the device in CV or CC.
The Reg03[2] bit indicates whether the device in the CV regulation window of the VIH(VO) and VIL(VO) thresholds.
The Reg01[7] bit indicates a transition between CV or CC.
Main-buck Power-Good Delay
The PG block has a programmable delay circuit at the output stage of the PG pin. The device can insert a certain delay time
from the timing of device internal power-good judgement to actual PG pin transition. This programmable delay helps to build
a flexible power sequencing design on a PCB.
The Reg08[7:6] bits controls this delay time and see Table 16 for available options.
On-the-fly Reference Programming
By using the Servo Reference Control block, the main-buck supports on-the-fly programming of the Output Voltage
Reference and Output Current Reference. That means, through the I
2C, the main-buck can accept a target value change of
these two reference sources while the iEN is logic=H.
See Main-buck Power-Good.
Negative Transition with RDIS
In the Output Voltage Reference is programmed for a lower target voltage from the current output, it may take long time
period to reach to the new target value when very little load current / activities there. To accelerate such light-load negative
transition, the device utilizes the Output Discharge Resistor block when the Reg09[5] bit is logic-H.
Main-buck EMI Tune-up
For the purpose of improving its EMI performance, this main-buck provides programmable switching node slew rate. By
changing the Reg0E[3:2] bits, an application system designer can balance the tradeoff between its power conversion
efficiency and its EMI noise level. By selecting slower transient rate, the noise performance improves; faster transient rate
improves the efficiency. See Table 28 for the available options.
Output Current Protections
In this datasheet, following three function names refer to clearly different meanings and behaviors of the
device.
Programmable Current Limit
The Programmable Current Limit function is a regulation control of the main-buck output current at a
programming target value (CC: constant-current operation), within a safe operation area (SOA) of the
device. This means a continuous operation at this programmable current limit is safe and supported.
Cycle-by-cycle Current Limit
The Cycle-by-cycle Current Limit protection is a hard limit of the main-buck output current. The
threshold of this protection is beyond the design and safe operation area of the device. Repeated events
of this protection will degrade or damage the device permanently.
Over-Current Protection
The Over-Current Protection (OCP) is a superset of the cycle-by-cycle current limit protection. The OCP
is also beyond the design and safe operation area of the device and repeated OCP events will degrade
or damage the device permanently.
Cycle-by-cycle Current Limit
The cycle-by-cycle current limit protection monitors current flow on the integrated high-side and low-side FET devices
at every PWM cycle. When the high-side FET current flow exceeds the IOCP(CBC,high) threshold, the protection forces the
ACT41000 Data Sheet, Rev. B, 01-Apr-2022
Subject to change without notice
45
www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com