Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT41000-103 Datasheet(PDF) 25 Page - Qorvo, Inc

Part # ACT41000-103
Description  Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT41000-103 Datasheet(HTML) 25 Page - Qorvo, Inc

Back Button ACT41000-103 Datasheet HTML 21Page - Qorvo, Inc ACT41000-103 Datasheet HTML 22Page - Qorvo, Inc ACT41000-103 Datasheet HTML 23Page - Qorvo, Inc ACT41000-103 Datasheet HTML 24Page - Qorvo, Inc ACT41000-103 Datasheet HTML 25Page - Qorvo, Inc ACT41000-103 Datasheet HTML 26Page - Qorvo, Inc ACT41000-103 Datasheet HTML 27Page - Qorvo, Inc ACT41000-103 Datasheet HTML 28Page - Qorvo, Inc ACT41000-103 Datasheet HTML 29Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
ACT41000
Programmable Voltage, Programmable Current, Low Noise
RFPoL Step-Down Voltage Regulator
Under-Voltage Lock-Out
The Under-Voltage Lock-Out (UVLO) function prevents the ACT41000 device working under too low input voltage at the VIN
pin. As the VIN pin is connected to the PVIN pin on a PCB, the UVLO monitors PVIN too.
When the VIN pin voltage is below the VIT(UVLO) threshold, the device disables all the functions but this UVLO circuit. During
this UVLO period, the device minimizes power consumption and wait for the VIN pin voltage rises into a valid range.
When the VIN pin voltage exceeds the VIT(UVLO) threshold, the device starts working, by following the Control Logic
state-machine. Once the UVLO released, the device keeps working as long as VIN pin voltage maintains higher than the
VIT(UVLO,fall) threshold that has a hysteresis from the VIT(UVLO) value.
Over-Voltage Lock-Out
The Over-Voltage Lock-Out (OVLO) function prevents the ACT41000 device working from too high input voltage at the VIN
pin. As the VIN pin is connected to the PVIN pin on a PCB, the OVLO monitors PVIN too.
When the VIN pin voltage exceeds the VIT(OVLO) threshold, the device disables all the functions but this OVLO circuit. During
this OVLO period, the device minimizes power consumption and wait for the VIN pin voltage decrease back into a valid
range.
When the VIN pin voltage gets back normal (under VIT(OVLO,fall)), the device starts working, by following the Control Logic.
The Reg01[0] bit is set logic-H to indicate this error.
This OVLO does not protect the device from any potential damage caused by over-voltage events.
See Note of Absolute Maximum Rating.
The OVLO is only intended to reduce a risk of a chain-reaction that the VIN/PVIN over-voltage event triggers
by disabling all output rails of the device.
Factory Programmed ROM
The ACT41000 integrates a read-only memory (ROM) block and that is programmed at its factory test. The data contents of
the ROM configure various behaviors of the device and also some of the contents are default values of I
2C registers. When
the Under-Voltage Lock-Out released, the Control Logic state-machine activates the ROM block as its first step and the
STM configures itself according to the ROM values.
See Factory Programming Options.
BIAS Blocks
The ACT41000 employs several bias voltage and bias current reference circuits those are necessary to maintain proper
operations of regulator blocks. When the Under-Voltage Lock-Out released, the Control Logic state-machine activates these
reference and bias circuits before starting the Mini-buck Regulator.
ACT41000 Data Sheet, Rev. B, 01-Apr-2022
Subject to change without notice
25
www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com