Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCP8191MAD Datasheet(PDF) 2 Page - Shanghai Orient-Chip Technology Co.,LTD.

Part # OCP8191MAD
Description  Non-isolated quasi-resonant step-down LED constant current driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIENT-CHIP [Shanghai Orient-Chip Technology Co.,LTD.]
Direct Link  https://www.orient-chip.com/
Logo ORIENT-CHIP - Shanghai Orient-Chip Technology Co.,LTD.

OCP8191MAD Datasheet(HTML) 2 Page - Shanghai Orient-Chip Technology Co.,LTD.

  OCP8191MAD Datasheet HTML 1Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 2Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 3Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 4Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 5Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 6Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 7Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 8Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 9Page - Shanghai Orient-Chip Technology Co.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Page 2 - 10
Ver. 1.0 Oct. 13, 2015
OCP8191
非隔离准谐振降压 LED 恒流驱动器
 管脚定义
TO-92
TSOT-23-5L
 管脚描述
管脚名称
管脚号
描述
TO-92
TSOT-23-5L
Drain
3
4
内部500V MOSFET高压管的漏端
CS
2
2
芯片地兼峰值电流控制
VCC
1
5
芯片电源脚
NC
1,3
悬空
 电路框图
图 2 内部方块电路图



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com