Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCP8191MAD Datasheet(PDF) 10 Page - Shanghai Orient-Chip Technology Co.,LTD.

Part # OCP8191MAD
Description  Non-isolated quasi-resonant step-down LED constant current driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIENT-CHIP [Shanghai Orient-Chip Technology Co.,LTD.]
Direct Link  https://www.orient-chip.com/
Logo ORIENT-CHIP - Shanghai Orient-Chip Technology Co.,LTD.

OCP8191MAD Datasheet(HTML) 10 Page - Shanghai Orient-Chip Technology Co.,LTD.

Back Button OCP8191MAD Datasheet HTML 2Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 3Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 4Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 5Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 6Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 7Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 8Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 9Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 10Page - Shanghai Orient-Chip Technology Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Page 10 - 10
Ver. 1.0 Oct. 13, 2015
OCP8191
非隔离准谐振降压 LED 恒流驱动器
(2) TSOT-23_5L
符号
尺寸(毫米)
尺寸(英寸)
最小
最大
最小
最大
A
-
1.10
-
0.043
A1
0.000
0.100
0
0.004
A2
0.7
1.0
0.028
0.039
c
0.12 REF.
0.005 REF.
D
2.70
3.10
0.106
0.122
E
2.60
3.00
0.102
0.118
E1
1.40
1.80
0.055
0.071
L
0.45 REF.
0.018 REF.
L1
0.60 REF.
0.024 REF.
θ
0°
10°
0°
0.394°
b
0.30
0.50
0.012
0.02
c
0.95 REF.
0.037 REF.
c1
1.90 REF.
0.075 REF.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com