Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCP8191MAD Datasheet(PDF) 4 Page - Shanghai Orient-Chip Technology Co.,LTD.

Part # OCP8191MAD
Description  Non-isolated quasi-resonant step-down LED constant current driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIENT-CHIP [Shanghai Orient-Chip Technology Co.,LTD.]
Direct Link  https://www.orient-chip.com/
Logo ORIENT-CHIP - Shanghai Orient-Chip Technology Co.,LTD.

OCP8191MAD Datasheet(HTML) 4 Page - Shanghai Orient-Chip Technology Co.,LTD.

  OCP8191MAD Datasheet HTML 1Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 2Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 3Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 4Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 5Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 6Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 7Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 8Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 9Page - Shanghai Orient-Chip Technology Co.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Page 4 - 10
Ver. 1.0 Oct. 13, 2015
OCP8191
非隔离准谐振降压 LED 恒流驱动器
 电气参数(测试条件:如无特殊说明,T
A =25℃)
符号
参数
条件
最小值
典型值
最大值
单位
电源电压(VCC Pin)
IVCC_OP
工作电流
-
140
260
uA
VCC_OP
VCC 工作电压
-
5.8
6.2
V
VCC_OFF
VCC 欠压锁定阈值
-
5.3
-
V
时间
TOFF_MIN
最小关断时间
-
2
-
us
TOFF_MAX
最大关断时间
-
250
-
us
电流采样(CS Pin)
TLEB
CS 输入端前沿消隐时间
-
500
-
ns
VCS_MAX
电流峰值阈值
490
500
510
mV
TD_OCP
过流检测和控制延时
100
ns
过热保护
TSD
过热调节温度点
(注 3)
150
℃
功率 MOSFET(Drain Pin)
VBR
功率管漏源击穿电压
550
-
-
V
Rdson
静态漏源电阻
IDrain=50mA
-
12
-
Ω
注 1:最大极限值是指超出该工作范围,芯片有可能损坏。
注 2:超出推荐工作范围,不能保证芯片能正常工作。
注 3:设计保证。



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com