Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCP8191MAD Datasheet(PDF) 7 Page - Shanghai Orient-Chip Technology Co.,LTD.

Part # OCP8191MAD
Description  Non-isolated quasi-resonant step-down LED constant current driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIENT-CHIP [Shanghai Orient-Chip Technology Co.,LTD.]
Direct Link  https://www.orient-chip.com/
Logo ORIENT-CHIP - Shanghai Orient-Chip Technology Co.,LTD.

OCP8191MAD Datasheet(HTML) 7 Page - Shanghai Orient-Chip Technology Co.,LTD.

Back Button OCP8191MAD Datasheet HTML 2Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 3Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 4Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 5Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 6Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 7Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 8Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 9Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191MAD Datasheet HTML 10Page - Shanghai Orient-Chip Technology Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Page 7 - 10
Ver. 1.0 Oct. 13, 2015
OCP8191
非隔离准谐振降压 LED 恒流驱动器
5. 最小和最大关断时间
在OCP8191中,最小关断时间(典型值2us)是用来抑制功率管关断时的振铃。在电感具有很大漏感的应用中,最小
关断时间是必要的。OCP8191中最大关断时间典型值为250us。
6. 电流限制和前沿消隐
电流限制电路采样VCC和CS之间的电压,如在框图中所示。当采样电压超过内部阈值(500mV)时,功率MOSFET
在此周期的剩余时间内关断。芯片内部集成前沿消隐电路,在前沿消隐时间内(典型值500ns),逐周期电流检测比较器
无效,因此不会关断栅驱动。
7. 芯片过热调节保护(OTP)
OCP8191 集成了过热调节功能。当IC温度超过150℃,系统调整输出电流逐渐减小,如图4所示。因此,输出功
率和热消耗都会减少,采用这种方式,系统温度可有效限制并且提高了系统可靠性。
LED
Current
Temperature
Thermal
Foldback
图 4 过热保护示意图
8. 功率管软开关
OCP8191采用软开关驱动功率管以优化EMI性能。



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com