Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM411 Datasheet(PDF) 2 Page - Analog Microelectronics GmbH

Part # AM411
Description  Low-Cost Voltage Transmitter IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM411 Datasheet(HTML) 2 Page - Analog Microelectronics GmbH

  AM411 Datasheet HTML 1Page - Analog Microelectronics GmbH AM411 Datasheet HTML 2Page - Analog Microelectronics GmbH AM411 Datasheet HTML 3Page - Analog Microelectronics GmbH AM411 Datasheet HTML 4Page - Analog Microelectronics GmbH AM411 Datasheet HTML 5Page - Analog Microelectronics GmbH AM411 Datasheet HTML 6Page - Analog Microelectronics GmbH AM411 Datasheet HTML 7Page - Analog Microelectronics GmbH AM411 Datasheet HTML 8Page - Analog Microelectronics GmbH AM411 Datasheet HTML 9Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AM411
Low-Cost Voltage Transmitter IC
March 2015 - Rev. 4.0
Page 2/10
www.analogmicro.de
Contents
FEATURES
3
GENERAL DESCRIPTION
3
BLOCK DIAGRAM
3
SPECIFICATIONS
4
1. Electric Specifications
4
2. Boundary Conditions
5
APPLICATION INFORMATION
6
1. Functional Principle
6
2. Transfer Function
7
3. Choosing the supply voltage
7
4. Adjusting the system’s gain and offset
7
Example 1: Desired output voltage range 0 .. 5 V, input voltage range 0 .. 200 mV
8
Example 2: Desired output voltage range 1 .. 5 V, input voltage range 0 .. 160 mV
8
Example 3: Desired output voltage range 0 .. 10 V, input voltage range -100 .. 100 mV
9
5. Operation Instructions
9
PACKAGE AND PINOUT
10
DELIVERY FORMS
10
FURTHER LITERATURE
10
NOTES
10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com