Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM411 Datasheet(PDF) 9 Page - Analog Microelectronics GmbH

Part # AM411
Description  Low-Cost Voltage Transmitter IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM411 Datasheet(HTML) 9 Page - Analog Microelectronics GmbH

Back Button AM411 Datasheet HTML 2Page - Analog Microelectronics GmbH AM411 Datasheet HTML 3Page - Analog Microelectronics GmbH AM411 Datasheet HTML 4Page - Analog Microelectronics GmbH AM411 Datasheet HTML 5Page - Analog Microelectronics GmbH AM411 Datasheet HTML 6Page - Analog Microelectronics GmbH AM411 Datasheet HTML 7Page - Analog Microelectronics GmbH AM411 Datasheet HTML 8Page - Analog Microelectronics GmbH AM411 Datasheet HTML 9Page - Analog Microelectronics GmbH AM411 Datasheet HTML 10Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AM411
Low-Cost Voltage Transmitter IC
March 2015 - Rev. 4.0
Page 9/10
www.analogmicro.de
With IREF = 0.2 mA and the boundary conditions for R1 and R2 given in Table 2 the following dimensioning of
the external components can be obtained:
R1 = 100 kΩ
R2 = 25 kΩ
R3 = 24 kΩ
R4 = 1 kΩ
C1 = 2.2 µF
Example 3: Desired output voltage range 0 .. 10 V, input voltage range -100 .. 100 mV
In this example a differential input voltage range of VIN = -100 mV .. 100 mV will be amplified and offset ad-
justed to an output voltage range of VOUT = 0 .. 10 V using the circuit shown in Figure 3.
With VIN,min = -100 mV, VIN,max = 100 mV, VOUT,min = 0 V and VOUT,max = 10 V and equation (3) the following
relation can be obtained for R1 and R2:
2
1
9 R
R
⋅
=
and with equation (4) the voltage at pin ZA can be calculated to VZA = 500 mV. Using equation (5) this leads
to:
4
3
9 R
R
⋅
=
With IREF = 0.16 mA (< 10 mA) and the boundary conditions for R1 and R2 given in Table 2 the following di-
mensioning of the external components can be obtained:
R1 = 27 kΩ
R2 = 3 kΩ
R3 = 27 kΩ
R4 = 3 kΩ
C1 = 2.2 µF
5. Operation Instructions
The following points have to be considered while working with AM411:
1.
A high quality ceramic capacitor has to be connected at pin VREF, even if the reference voltage source
is not used. If AM411 is exposed to large temperature changes, special care must be taken that this ca-
pacitor’s value stays inside the specified range (see Table 2).
2.
The external resistors R1 and R2, which are used for gain adjustment, have to fullfill the boundary condi-
tion R1 + R2 = 20 .. 200 kΩ.
3.
Under normal operating conditions components powered using the voltage reference (pin VREF) may
not drain more than 10 mA.
4.
Generally only positive voltage offsets can be generated if a voltage is applied at pin ZA. If Pin ZA is not
used it has to be connected to GND.
5.
In general for positive differential input voltage signals, VIN ≥ 0, a mimum output voltage VOUT,min = 0 V
can only be achieved if the minimum input voltage VIN,min = 0 V and VZA = 0 V.
6.
For negative differential or bidirectional diffferential input voltage signals with VIN,min < 0, a voltage
VZA ≥ 5 · VIN,min is necessary for operation of AM411.
7.
AM411’s output short circuit protection is realized by a continous current limitation of the output. The
minimal threshold for the current limitation is 5 mA, leading to a thermal power deposition of 180 mW (at
VCC = 36 V), when no further components are powered by the IC.
8.
AM411 is protected against reverse polarity and permutation of VOUT, VCC and GND. Please take care
that components powered by VREF have to be protected seperately in case of reverse polarity or permu-
tation of VCC versus GND.
In general ESD precautions are necessary during assembly and handling of the device. It is essential to
ground machines and personnel properly.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com