Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM411 Datasheet(PDF) 8 Page - Analog Microelectronics GmbH

Part # AM411
Description  Low-Cost Voltage Transmitter IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM411 Datasheet(HTML) 8 Page - Analog Microelectronics GmbH

Back Button AM411 Datasheet HTML 2Page - Analog Microelectronics GmbH AM411 Datasheet HTML 3Page - Analog Microelectronics GmbH AM411 Datasheet HTML 4Page - Analog Microelectronics GmbH AM411 Datasheet HTML 5Page - Analog Microelectronics GmbH AM411 Datasheet HTML 6Page - Analog Microelectronics GmbH AM411 Datasheet HTML 7Page - Analog Microelectronics GmbH AM411 Datasheet HTML 8Page - Analog Microelectronics GmbH AM411 Datasheet HTML 9Page - Analog Microelectronics GmbH AM411 Datasheet HTML 10Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AM411
Low-Cost Voltage Transmitter IC
March 2015 - Rev. 4.0
Page 8/10
www.analogmicro.de
Example 1: Desired output voltage range 0 .. 5 V, input voltage range 0 .. 200 mV
In the following example a differential input voltage range of VIN = 0 .. 200 mV has to be amplified to an out-
put voltage range of 0 .. 5 V. Because of the desired maximum output voltage VOUT,max = 5 V a minimum
supply voltage of VCC,min = 10 V is needed. The dimensioning of the resistors R1 and R2 can be done using
equation (3).
With VIN,min = 0 V, VIN,max = 200 mV, VOUT,min = 0 V and VOUT,max = 5 V the following relation can be obtained
from equation (3):
2
1
4 R
R
⋅
=
Together with the boundary conditions given in Table 2 the following dimensioning of the external compo-
nents can be obtained:
R1 = 100 kΩ
R2 = 25 kΩ
C1 = 2.2 µF
Example 2: Desired output voltage range 1 .. 5 V, input voltage range 0 .. 160 mV
The circuit shown in Figure 3 can be used, if the system’s offset and gain have to be adjusted. To generate
VZA AM411’s voltage reference is used in combination with a voltage divider consisting of R3 and R4.
Using equation (3) as well as VIN,min = 0 V, VIN,max = 160 mV, VOUT,min = 1 V and VOUT,max = 5 V the following
relation can be obtained for R1 and R2:
2
1
4 R
R
⋅
=
and with equation (4) the voltage at pin ZA can be calculated to VZA = 200 mV.
Since VZA is adjusted using R3 and R4 and VREF = 5 V the following relation can be obtained:
1
5
4
3
−
=
ZA
V
V
R
R
(5)
With VZA = 200 mV this leads to R3 = 24 · R4.
Figure 3: AM411's external circuit for offset and gain adjustment



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com