Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM411 Datasheet(PDF) 7 Page - Analog Microelectronics GmbH

Part # AM411
Description  Low-Cost Voltage Transmitter IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM411 Datasheet(HTML) 7 Page - Analog Microelectronics GmbH

Back Button AM411 Datasheet HTML 2Page - Analog Microelectronics GmbH AM411 Datasheet HTML 3Page - Analog Microelectronics GmbH AM411 Datasheet HTML 4Page - Analog Microelectronics GmbH AM411 Datasheet HTML 5Page - Analog Microelectronics GmbH AM411 Datasheet HTML 6Page - Analog Microelectronics GmbH AM411 Datasheet HTML 7Page - Analog Microelectronics GmbH AM411 Datasheet HTML 8Page - Analog Microelectronics GmbH AM411 Datasheet HTML 9Page - Analog Microelectronics GmbH AM411 Datasheet HTML 10Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AM411
Low-Cost Voltage Transmitter IC
March 2015 - Rev. 4.0
Page 7/10
www.analogmicro.de
2. Transfer Function
AM411’s transfer function is given by:
(
)
ZA
IN
IA
OP
OUT
V
V
G
G
V
+
⋅
⋅
=
with
2
1
1
R
R
G
OP
+
=
(1)
with
VOUT = output voltage
VIN = differential input voltage
VZA = voltage at pin ZA
GIA = the instrumentation amplifier’s internal gain (GIA = 5)
GOP = the output stage’s gain set by R1 and R2
R1, R2 = external resistors used to adjust GOP (see Figure 2)
3. Choosing the supply voltage
In principle AM411 can be used in the complete specified supply voltage range (VCC = 6 .. 35 V), but it has to
be noted that for small supply voltages VCC ≤ 18 V the possible maximum output voltage VOUT,MAX is given
by
2:
V
V
V
CC
MAX
OUT
5
,
−
=
(2)
For example a supply voltage of VCC = 10 V limits the possible maximum output voltage to VOUT,MAX = 5 V.
4. Adjusting the system’s gain and offset
As can be seen from equation (1) AM411’s gain can be adjusted using the external resistors R1 and R2 and a
positive offset can be set using pin ZA
3.
R1 and R2 can be calculated for a given system with a desired maximum and minimum output voltage as well
as a given maximum and minimum differential input voltage using the following equation:
(
)
1
5
min
,
max
,
min
,
max
,
2
1
−
−
⋅
−
=
IN
IN
OUT
OUT
V
V
V
V
R
R
(3)
with
VIN,min = minimum differential input voltage
VIN,max = maximum differential input voltage
VOUT,min = minimum output voltage
VOUT,max = maximum output voltage
Using VOUT,min the required voltage at pin ZA can be determined using equations (1) and (3)
(
)
min
,
min
,
min
,
max
,
min
,
max
,
5
5
IN
OUT
OUT
OUT
IN
IN
ZA
V
V
V
V
V
V
V
⋅
−
⋅
−
−
⋅
=
(4)
Please note, that for a positive differential input voltage signal, VIN ≥ 0, a mimum output voltage VOUT,min = 0 V
can only be achieved if the minimum input voltage VIN,min = 0 V and pin ZA is connected to GND. For a nega-
tive differential or bidirectional differential input voltage signals with VIN,min < 0, a voltage VZA ≥ 5 · VIN,min at pin
ZA is necessary for operation. Furthermore the boundary conditions in Table 2 have to be respected during
the dimensioning of R1 and R2.
2 For supply voltages V
CC > 18 V the maximum output voltage VOUT,max cannot be larger than 13 V.
3 Please note, that only a positive offset can be set using pin ZA.
Figure 2: AM411 with necessary external components



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com