Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM411 Datasheet(PDF) 4 Page - Analog Microelectronics GmbH

Part # AM411
Description  Low-Cost Voltage Transmitter IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM411 Datasheet(HTML) 4 Page - Analog Microelectronics GmbH

  AM411 Datasheet HTML 1Page - Analog Microelectronics GmbH AM411 Datasheet HTML 2Page - Analog Microelectronics GmbH AM411 Datasheet HTML 3Page - Analog Microelectronics GmbH AM411 Datasheet HTML 4Page - Analog Microelectronics GmbH AM411 Datasheet HTML 5Page - Analog Microelectronics GmbH AM411 Datasheet HTML 6Page - Analog Microelectronics GmbH AM411 Datasheet HTML 7Page - Analog Microelectronics GmbH AM411 Datasheet HTML 8Page - Analog Microelectronics GmbH AM411 Datasheet HTML 9Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AM411
Low-Cost Voltage Transmitter IC
March 2015 - Rev. 4.0
Page 4/10
www.analogmicro.de
SPECIFICATIONS
1. Electric Specifications
Tamb = 25°C, VCC = 24 V, VREF = 5 V, IREF = 1 mA (unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
System
Supply Voltage
VCC
6
24
35
V
Quiescent Current
ICC
Tamb = -40 .. +85°C, IREF = 0 mA
1.5
mA
Temperature Specifications
Operating Temperature
Tamb
-40
85
°C
Storage
Tst
-55
125
°C
Junction
TJ
150
°C
Thermal Resistance
Θja
SO8 plastic package
140
°C/W
Voltage Reference
Voltage
VREF
4.90
5.00
5.10
V
Current
IREF
0
10
mA
VREF vs. Temperature
dVREF/dT
Tamb = -40 .. +85°C
±90
±140
ppm/°C
Line Regulation
dVREF/dV
VCC = 6V .. 35V, IREF = 1 mA
30
80
ppm/V
dVREF/dV
VCC = 6V .. 35V, IREF ≈ 5 mA
60
150
ppm/V
Load Regulation
dVREF/dI
IREF = 1 mA
0.05
0.10
%/mA
dVREF/dI
IREF ≈ 5 mA
0.06
0.15
%/mA
Load Capacitance
CL
1.9
2.2
5.0
µF
Instrumentation Amplifier (IA)
Internal Gain
GIA
4.9
5
5.1
Differential Input Voltage Range
VIN
0
±600
mV
Common Mode Input Range
CMIR
VCC < 9 V, ICV < 2 mA
1.5
VCC - 3
V
CMIR
VCC ≥ 9 V, ICV < 2 mA
1.5
6.0
V
Common Mode Rejection Ratio
CMRR
80
90
dB
Power Supply Rejection Ratio
PSRR
77
90
dB
Offset Voltage
VOS
-6.0
6.0
mV
VOS vs. Temperatur
dVOS/dT
±5
µV/°C
Input Bias Current
IB
-300
nA
IB vs. Temperature
dIB/dT
-0.9
nA/°C
Zero Adjust Stage
Internal Gain
GZA
0.98
1.00
1.02
Input Voltage ZA
VZA
0
3
V
Offset Voltage
VOS
-3.0
2.0
mV
VOS vs. Temperature
dVOS/dT
±3
±7
µV/°C
Input Bias Current
IB
100
nA
IB vs. Temperature
dIB/dT
75
pA/°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com