Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS6425 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ADS6425
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6425 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ADS6425 Datasheet HTML 13Page - STMicroelectronics ADS6425 Datasheet HTML 14Page - STMicroelectronics ADS6425 Datasheet HTML 15Page - STMicroelectronics ADS6425 Datasheet HTML 16Page - STMicroelectronics ADS6425 Datasheet HTML 17Page - STMicroelectronics ADS6425 Datasheet HTML 18Page - STMicroelectronics ADS6425 Datasheet HTML 19Page - STMicroelectronics ADS6425 Datasheet HTML 20Page - STMicroelectronics ADS6425 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 75 page
background image
www.ti.com
DESCRIPTION OF PARALLEL PINS
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
Table 5. SCLK, SDATA Control Pins
SCLK
SDATA
DESCRIPTION
LOW
LOW
NORMAL conversion.
SYNC – ADC outputs sync pattern on all channels. This pattern can be used by the receiver to align the
LOW
HIGH
deserialized data to the frame boundary. See Capture Test Patterns for details.
POWER DOWN – Global power down, all channels of the ADC are powered down, including internal references,
HIGH
LOW
PLL and output buffers.
DESKEW – ADC outputs deskew pattern on all channels. This pattern can be used by the receiver to ensure
HIGH
HIGH
deserializer uses the right clock edge. See Capture Test Patterns for details.
Table 6. SEN Control Pin
SEN
DESCRIPTION
0
External reference and 0 dB coarse gain (full-scale = 2 VPP)
(3/8)LVDD
External reference and 3.5 dB coarse gain (full-scale = 1.34 VPP)
(5/8)LVDD
Internal reference and 3.5 dB coarse gain (full-scale = 1.34 VPP)
LVDD
Internal reference and 0 dB coarse gain (full-scale = 2 VPP)
Independent of the programming mode used, after power-up the parallel pins PDN, CFG1 to CFG4 will
automatically configure the device as per the voltage applied (refer to Table 7 to Table 11).
Table 7. PDN Control Pin
PDN
DESCRIPTION
0
Normal operation
AVDD
Power down global
Table 8. CFG1 Control Pin
CFG1
DESCRIPTION
0
DDR Bit clock and 1-wire interface
(3/8)LVDD
Not used
(5/8)LVDD
SDR Bit clock and 2-wire interface
LVDD
DDR Bit clock and 2-wire interface
Table 9. CFG2 Control Pin
CFG2
DESCRIPTION
0
14x Serialization and capture at falling edge of bit clock (only in 2-wire SDR bit clock mode)
(3/8)LVDD
16x Serialization and capture at falling edge of bit clock (only in 2-wire SDR bit clock mode)
(5/8)LVDD
16x Serialization and capture at rising edge of bit clock (only in 2-wire SDR bit clock mode)
LVDD
14x Serialization and capture at rising edge of bit clock (only in 2-wire SDR bit clock mode)
Table 10. CFG3 Control Pin
CFG3
RESERVED - TIE TO GROUND
Table 11. CFG4 Control Pin
CFG4
DESCRIPTION
0
MSB First and 2s complement
(3/8)LVDD
MSB First and offset binary
(5/8)LVDD
LSB First and offset binary
LVDD
LSB First and 2s complement
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com