Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS6425 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ADS6425
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6425 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ADS6425 Datasheet HTML 43Page - STMicroelectronics ADS6425 Datasheet HTML 44Page - STMicroelectronics ADS6425 Datasheet HTML 45Page - STMicroelectronics ADS6425 Datasheet HTML 46Page - STMicroelectronics ADS6425 Datasheet HTML 47Page - STMicroelectronics ADS6425 Datasheet HTML 48Page - STMicroelectronics ADS6425 Datasheet HTML 49Page - STMicroelectronics ADS6425 Datasheet HTML 50Page - STMicroelectronics ADS6425 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 75 page
background image
www.ti.com
fIN − Input Frequency − MHz
−6
−5
−4
−3
−2
−1
0
1
0
100
200
300
400
500
600
700
G073
Drive Circuit Requirements
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
APPLICATION INFORMATION (continued)
Figure 83. Analog Input Bandwidth (represented by magnitude of TF_ADC, see Figure 85 )
For optimum performance, the analog inputs must be driven differentially. This improves the common-mode
noise immunity and even order harmonic rejection.
A 5-
Ω resistor in series with each input pin is recommended to damp out ringing caused by the package
parasitics. It is also necessary to present low impedance (< 50
Ω) for the common mode switching currents. For
example, this is achieved by using two resistors from each input terminated to the common mode voltage
(VCM).
In addition to the above, the drive circuit may have to be designed to provide a low insertion loss over the
desired frequency range and matched impedance to the source. While doing this, the ADC input impedance has
to be taken into account. Figure 84 shows that the impedance (Zin, looking into the ADC input pins) decreases
at high input frequencies. The smith chart shows that the input impedance is capacitive and can be
approximated by a series R-C upto 500 MHz.
47
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com