Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS6425 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ADS6425
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6425 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ADS6425 Datasheet HTML 17Page - STMicroelectronics ADS6425 Datasheet HTML 18Page - STMicroelectronics ADS6425 Datasheet HTML 19Page - STMicroelectronics ADS6425 Datasheet HTML 20Page - STMicroelectronics ADS6425 Datasheet HTML 21Page - STMicroelectronics ADS6425 Datasheet HTML 22Page - STMicroelectronics ADS6425 Datasheet HTML 23Page - STMicroelectronics ADS6425 Datasheet HTML 24Page - STMicroelectronics ADS6425 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
www.ti.com
DESCRIPTION OF SERIAL REGISTERS
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
Table 13. Serial Register A
REGISTER
BITS
ADDRESS
A4 - A0
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
<REF>
<PDN>
<PDN CHD>
<PDN CHC>
<PDN CHB>
<PDN CHA>
<RST>
INTERNAL
GLOBAL
00
0
0
0
0
POWER
POWER
POWER
POWER
S/W RESET
OR
POWER
DOWN CH D
DOWN CHC
DOWN CH B
DOWN CH A
EXTERNAL
DOWN
D0 - D4
Power down modes
D0
<PDN GLOBAL>
0
Normal operation
1
Global power down, including all channels ADCs, internal references, internal PLL and output
buffers
D1
<PDN CHA>
0
CH A Powered up
1
CH A ADC Powered down
D2
<PDN CHB>
0
CH B Powered up
1
CH B ADC Powered down
D3
<PDN CHC>
0
CH C Powered up
1
CH C ADC Powered down
D4
<PDN CHD>
0
CH D Powered up
1
CH D ADC Powered down
D5
<REF> Reference
0
Internal reference enabled
1
External reference enabled
D10
<RST>
1
Software reset applied – resets all internal registers and self-clears to 0
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com