Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS6425 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ADS6425
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6425 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ADS6425 Datasheet HTML 26Page - STMicroelectronics ADS6425 Datasheet HTML 27Page - STMicroelectronics ADS6425 Datasheet HTML 28Page - STMicroelectronics ADS6425 Datasheet HTML 29Page - STMicroelectronics ADS6425 Datasheet HTML 30Page - STMicroelectronics ADS6425 Datasheet HTML 31Page - STMicroelectronics ADS6425 Datasheet HTML 32Page - STMicroelectronics ADS6425 Datasheet HTML 33Page - STMicroelectronics ADS6425 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 75 page
background image
www.ti.com
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
PIN ASSIGNMENTS (1-WIRE INTERFACE) (continued)
PINS
NO. OF
I/O
DESCRIPTION
PINS
NAME
NO.
Differential input signal pair, channel A. If unused, the pins should be tied to VCM. Do
INA_P, INA_M
12,11
I
2
not float.
Differential input signal pair, channel B.If unused, the pins should be tied to VCM. Do
INB_P, INB_M
15,14
I
2
not float.
Differential input signal pair, channel C. If unused, the pins should be tied to VCM.
INC_P, INC_M
34,35
I
2
Do not float.
Differential input signal pair, channel D. If unused, the pins should be tied to VCM.
IND_P, IND_M
37,38
I
2
Do not float.
CAP
5
1
Connect 2-nF capacitance from pin to ground
This pin functions as serial interface clock input when RESET is low.
When RESET is high, it controls DESKEW, SYNC and global POWER DOWN
SCLK
44
I
1
modes (along with SDATA). Refer to Table 5 for description.
This pin has an internal pull-down resistor.
This pin functions as serial interface data input when RESET is low.
When RESET is high, it controls DESKEW, SYNC and global POWER DOWN
SDATA
43
I
1
modes (along with SCLK). Refer to Table 5 for description.
This pin has an internal pull-down resistor.
This pin functions as serial interface enable input when RESET is low.
When RESET is high, it controls coarse gain and internal/external reference modes.
SEN
42
I
1
Refer to Table 6 for description.
This pin has an internal pull-up resistor.
Serial interface reset input.
When using the serial interface mode, the user MUST initialize internal registers
through hardware RESET by applying a high-going pulse on this pin or by using
RESET
6
I
1
software reset option. Refer to the Serial Interface section. In parallel interface mode,
tie RESET permanently high. (SCLK, SDATA and SEN function as parallel control
pins in this mode).
The pin has an internal pull-down resistor to ground.
PDN
41
I
1
Global power down control pin.
Parallel input pin. It controls 1-wire or 2-wire interface and DDR or SDR bit clock
CFG1
30
I
1
selection. Refer to Table 8 for description.
Tie to ground for 1-wire interface with DDR bit clock.
Parallel input pin. It controls 14x or 16x serialization and SDR bit clock capture edge.
CFG2
29
I
1
Refer to Table 9 for description.
For 14x serialization with DDR bit clock, tie to ground or AVDD.
CFG3
28
I
1
RESERVED pin - Tie to ground.
Parallel input pin. It controls data format and MSB or LSB first modes. Refer to
CFG4
21
I
1
Table 11 for description.
Internal reference mode – common-mode voltage output
VCM
22
I/O
1
External reference mode – reference input. The voltage forced on this pin sets the
internal reference.
OUTPUT PINS
DA_P,DA_M
62,63
O
2
Channel A differential LVDS data output pair
DB_P,DB_M
60,61
O
2
Channel B differential LVDS data output pair
DC_P,DC_M
52,53
O
2
Channel C differential LVDS data output pair
DD_P,DD_M
50,51
O
2
Channel D differential LVDS data output pair
DCLKP,DCLKM
57,58
O
2
Differential bit clock output pair
FCLKP,FCLKM
55,56
O
2
Differential frame clock output pair
UNUSED
1-4,45-48
8
These pins are unused in the 1-wire interface. Do not connect
NC
20
1
Do not connect
Connect to ground plane using multiple vias. Refer to Board Design Considerations
PAD
0
1
in the application section.
30
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com