Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS6425 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ADS6425
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6425 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ADS6425 Datasheet HTML 19Page - STMicroelectronics ADS6425 Datasheet HTML 20Page - STMicroelectronics ADS6425 Datasheet HTML 21Page - STMicroelectronics ADS6425 Datasheet HTML 22Page - STMicroelectronics ADS6425 Datasheet HTML 23Page - STMicroelectronics ADS6425 Datasheet HTML 24Page - STMicroelectronics ADS6425 Datasheet HTML 25Page - STMicroelectronics ADS6425 Datasheet HTML 26Page - STMicroelectronics ADS6425 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
www.ti.com
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
Table 16. Serial Register D
REGISTER
BITS
ADDRESS
A4 - A0
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
<CUSTOM A>
0B
CUSTOM PATTERN (LOWER 11 BITS)
D10 - D0
<CUSTOM A> Lower 11 bits of custom pattern <D10>
…<D0>
Table 17. Serial Register E
REGISTER
BITS
ADDRESS
A4 - A0
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
<FINE GAIN>
<CUSTOM B>
0C
0
0
0
0
0
FINE GAIN CONTROL (1 dB to 6 dB)
CUSTOM PATTERN (UPPER 3 BITS)
D4 - D0
<CUSTOM B> Upper 3 bits of custom pattern <D13>
…<D11>
D10-D8
<FINE GAIN> Fine gain control
000
0 dB Gain (full-scale range = 2.00 VPP)
001
1 dB Gain (full-scale range = 1.78 VPP)
010
2 dB Gain (full-scale range = 1.59 VPP)
011
3 dB Gain (full-scale range = 1.42 VPP)
100
4 dB Gain (full-scale range = 1.26 VPP)
101
5 dB Gain (full-scale range = 1.12 VPP)
110
6 dB Gain (full-scale range = 1.00 VPP)
Table 18. Serial Register F
REGISTER
BITS
ADDRESS
A4 - A0
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
<COARSE
FALLING
<OVRD>
BYTE-WISE
GAIN>
OR RISING
14-BIT OR
DDR OR
1-WIRE OR
MSB OR
0D
OVER-RIDE
0
0
OR
COURSE
BIT CLOCK
0
16-BIT
SDR BIT
2-WIRE
LSB FIRST
BITE
BIT-WISE
GAIN
CAPTURE
SERIALIZE
CLOCK
INTERFACE
ENABLE
EDGE
D0
Interface selection
0
1 Wire interface
1
2 Wire interface
D1
Bit clock selection (only in 2-wire interface)
0
DDR Bit clock
1
SDR Bit clock
D2
Serialization factor selection
0
14X Serialization
1
16X Serialization
D4
Bit clock capture edge (only when SDR bit clock is selected, D1 = 1)
0
Capture data with falling edge of bit clock
1
Capture data with rising edge of bit clock
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com