Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML1565 Datasheet(PDF) 8 Page - Minilogic Device Corporation Limited

Part # ML1565
Description  Step-Up-Down DC-DC Converts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1565 Datasheet(HTML) 8 Page - Minilogic Device Corporation Limited

Back Button ML1565 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 12Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
P8/21
Rev. C, Sep 2005
ML1565
Pin Description
Pin16
FBSELSU
Pin17
FBSELSD
Pin18
FBSEL1
Pin19
OSC
Pin20
PGNDB
Pin21
LXSU
Pin22
OUTSUA
Pin23
SDOK
Pin24
COMP3
Pin25
FB3
Pin26
OUTSUB
Pin27
DL3
Pin28
DL2
Pin29
DL1
Pin30
GND
Pin31
COMP2
Pin32
FB2
Exposed
EP
Pad
Step-Up Feedback Select Pin. With FBSELSD = GND, OUTSU regulates to 3.35V. With FBSELSD =
OUTSU, FBSU regulates to a 1.25V threshold for use with external feedback resistors. This pin is high
impedance in shutdown.
Step-Down Feedback Select Pin. With FBSELSD = GND, FBSD regulates to 1.5V. With FBSELSD =
OUTSU, FBSD regulates to a 1.25V for use with external feedback resistors. This pin is high
impedance in shutdown.
Auxiliary Controller 1 Feedback Select Pin. With FBSEL1 = GND and FB1 regulates to 5V. With
FBSEL1=OUTSU, FB1 regulates to 1.25V for use with external feedback resistors. This pin is high
impedance in shutdown.
Oscillator Control. Connect a timing capacitor from OSC to GND and a timing resistor from OSC to
OUTSU to set the oscillator frequency between 100kHz and 1MHz. This pin is high impedance in
shutdown.
Power Ground. Connect PGNDA and PGNDB together and to GND with short trace as close to the IC
as possible.
Step-Up Converter Power-Switching Node. Connect LXSU to the step-up converter inductor. LXSU is
high impedance in shutdown.
Step-Up Converter Output. OUTSUA is the power output of the step-up converter. Connect OUTSUA
to OUTSUB at the IC.
This open-drain output goes high impedance when the step-down has successfully completed
soft-start.
Auxiliary Controller 3 Compensation Node. Connect a series resistor-capacitor form COMP3 to GND
to compensate the control loop. COMP3 is actively driven to GND in shutdown and thermal limit.
Auxiliary Controller 3 Feedback Input. Connect a resistive voltage-divider from the output voltage to
FB3 to GND. The FB3 feedback threshold is 1.25V. This pin is high impedance in shutdown.
Step-Up Converter Output. OUTSUB powers the ML1565 and is the sense input when FBSELSU is
GND and the output is 3.3V. Connect OUTSUA to OUTSUB.
Auxiliary Controller 3 Gate-Drive Output. Connect the gate of an N-channel MOSFET to DL3. DL3
swings from GND to OUTSU and supplies up to 500mA. DL3 is driven to GND in shutdown and
thermal limit.
Auxiliary Controller 2 Gate-Drive Output. Connect the gate of an N-channel MOSFET to DL2. DL2
swings from GND to OUTSU and supplies up to 500mA. DL2 is driven to GND in shutdown and
thermal limit.
Auxiliary Controller 1 Gate-Drive Output. Connect the gate of an N-channel MOSFET to DL1. DL1
swings from GND to OUTSU and supplies up to 500mA. DL1 is driven to GND in shutdown and
thermal limit.
Quiet Ground. Connect GND to PGND as close to the IC as possible.
Auxiliary Controller 2 compensation Node. Connect a series resistor-capacitor from COMP2 to GND to
compensate the control loop. COMP2 is actively driven to GND in shutdown and thermal limit.
Auxiliary Controller 2 Feedback Input. Connect a resistive voltage-divider form the output voltage to
FB2 to GND to set the output voltage. The FB2 feedback threshold is 1.25V. This pin is high
impedance in shutdown.
Exposed Underside Metal Pad. This pad must be soldered to the PC board to achieve package
thermal and mechanical ratings. The exposed pad is electrically connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com