Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML1565 Datasheet(PDF) 17 Page - Minilogic Device Corporation Limited

Part # ML1565
Description  Step-Up-Down DC-DC Converts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1565 Datasheet(HTML) 17 Page - Minilogic Device Corporation Limited

Back Button ML1565 Datasheet HTML 13Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 14Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 15Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 16Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 17Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 18Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 19Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 20Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 21Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
P17/21
Rev. C, Sep 2005
ML1565
Design Procedure (5)
Auxiliary controller Component Selection
External MOSFET
All ML1565 auxiliary controllers drive external logic-level
N-channel MOSFETs. Significant MOSFET selection
parameters are:
1)
On-resistance (RDS(ON))
2)
Maximum drain-to-source voltage (VDS(MAX))
3)
Total gate charge (QG)
4)
Reverse transfer capacitance (CRSS)
DL_ swings between OUTSU and GND. Use a MOSFET
with on-resistance specified at or below the main output
voltage. The gate charge, QG, includes all capacitance
associated with charging the gate and helps to predict
MOSFET transition time between on and off states.
MOSFET
power
dissipation
is
a
combination
of
on-resistance and transition losses. The on-resistance
loss is:
PRDSON = D IL
2RDS(ON)
where D is the duty cycle, IL is the average inductor
current, and RDS(ON) is MOSFET on-resistance. The
transition loss is approximately:
PTRANS = (VOUT IL fOSC tT) / 3
were VOUT is the output voltage, IL is the average inductor
current, fOSC is the switching frequency, and tT is the
transition time. The transition time is approximately QG / IG,
where QG is the total gate charge, and IG is the gate drive
current (typically 0.5A). the total power dissipation in the
MOSFET is:
PMOSFET = PRDSON + PTRANS
Auxiliary Compensation
The auxiliary controllers employ voltage-mode control to
regulate their output voltage. Optimum compensation
somewhat
depends
on
whether
the
design
uses
continuous or discontinuous inductor current.
Discontinuous Inductor Current
When the inductor current falls to zero on each switching
cycle, it is described as discontinuous. The inductor is not
utilized as efficiently as with continuous current. This often
has little negative impact in light-load applications since
the coil losses may already be low compared to other
losses. A benefit of discontinuous inductor current is more
flexible loop compensation and no maximum duty-cycle
restriction on boost ratio.
To ensure discontinuous operation, the inductor must have
a sufficiently low inductance to fully discharge on each
cycle. The occurs when:
L < [ VIN
2 (VOUT – VIN) / VOUT3 ] [ RLOAD / (2fOSC) ]
A discontinuous current boost has a single pole at:
fP = (2VOUT – VIN) / (2π RLOAD COUT VOUT)
Choose the integrator capacitor such that the unity-gain
Crossover (fC) occurs at fOSC / 10 or lower. Note that for
many auxiliary circuits, such as those powering motors,
LEDs, or other loads that do not require fast transient
response, it is often acceptable to over compensate by
setting fC at fOSC / 20 or lower. Cc is then determined by:
Cc = [2VOUTVIN / (2VOUT – VIN) VRAMP]]
[VOUT / (K(VOUT – VIN))
1/2 [VFB / VOUT]
(gM / 2π fC))]
where K = 2 L fOSC / RLOAD, and VRAMP is the internal slope
compensation voltage ramp of 1.25V. The CcRc zero is
then used to cancel the fP pole, so:
Rc = RLOAD COUT VOUT / [ (2VOUT – VIN) Cc]
Continuous Inductor Current
Continuous inductor current can sometimes improve boost
efficiency by lowering the ratio between peak inductor
current and output current. It does this at the expense of a
larger inductance value that requires larger size for a given
current rating. With continuous inductor current boost
operation, there is a right-plane zero at:
fRHPZ = (1-D)
2 RLOAD /(2πL)
where (1-D) = VIN / VOUT (in a boost converter). A complex
pole pair is located at:
f0 = VOUT /[2π VIN (L COUT)
1/2]
If the zero due to the output capacitor capacitance and
ESR is less than 1/10 the righe-plane zero:
ZCOUT = 1 / (2πCOUT RESR) < fRHPZ / 10
Choose Cc such that the crossover frequency fC occurs at
ZCOUT. The ESR zero provides a phase boost at crossover.
Cc = (VIN / VRAMP)(VFB / VOUT)(gM / (2πZCOUT))
Choose Rc to place the integrator zero, 1/(2πRcCc), at f0 to
cancel one of the pole pairs:
Rc = VIN (L COUT)
1/2 / (VOUT Cc)
If ZCOUT is not less than fRHPZ / 10 (as is typical with ceramic
output capacitors) and continuous conduction is required,
then cross the loop over before fRHPZ and f0:
fC < f0/10, and fC < fRHPZ / 10
In that case:
Cc = (VIN/ VRAMP) (VFB/ VOUT) (gM / 2π fC)
Place 1/ (2πRcCc) = 1 / (2π RLOADCOUT), so that Rc =
RLOADCOUT / Cc or reduce the inductor value for
discontinuous operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com