Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML1565 Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML1565
Description  Step-Up-Down DC-DC Converts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1565 Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML1565 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
P1/21
Rev. C, Sep 2005
ML1565
ML1565
Step-Up-Down DC-DC Converts
Digital Still camera Power Supply
High-Efficiency, 5-channel
General Description
The ML1565 provides a complete power-supply solution
for digital still and video cameras through the integration
of ultra-high-efficiency step-up/step-down DC-to-DC con-
verters along with three auxiliary step-up controllers. The
ML1565 is targeted for applications that use either 2 or 3
alkaline or NiMH batteries as well as those using a single
lithium-ion (Li+) battery.
The step-up DC-to-DC converter accepts inputs from 0.7V
to 5.5V and regulates a resistor-adjustable output from
2.7V to 5.5V. It uses internal MOSFETs to achieve
95% efficiency. Adjustable operating frequency facilitates
design for optimum size, cost, and efficiency.
The step-down DC-to-DC converter can produce output
voltages as low as 1.25V and also utilizes internal
MOSFETs to achieve 95% efficiency. An internal softstart
ramp minimizes surge current form the battery. The
converter can operate from the step-up output providing
buck-boost capability with up to 90% compound efficiency,
or it can run directly from the battery if buck-boost
operation is not needed. The ML1565 features auxiliary
step-up controllers that power CCD, LCD, motor actuator,
and backlight circuits. The ML1565 is available in a
space-saving QFN-32 thin package.
■ Pin Configuration
Features
Step-up DC-to-DC Converter:
95% Efficient
3.3V (Fixed) or 2.7V to 5.5V (Adjustable) Output
Voltage
Step-Down DC-to-DC Converter:
Operate form Battery for 95% Efficient Buck
Combine with Step-Up for 90% Efficient Buck-Boost
Adjustable Output Down to 1.25V
Three Auxiliary PWM Controllers
Up to 1MHz Operating Frequency
1µA Shutdown Mode
Internal Soft-Start control
Overload Protection
Compact 32-Pin, 5mmx5mm Thin QFN Package
Ordering Information
Item
Package Mark
Shipping
ML1565QFNG
QFN-32
ML1565
160pcs/ Tray
Applications
Digital Still Cameras
Digital video Cameras
PDAs
■ Typical operating Circuit
ML1565
--
ML1565


Similar Part No. - ML1565

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ML15-0.4-A SLPOWER-ML15-0.4-A Datasheet
374Kb / 7P
DC Power Supplies
ML15-0.4-A SLPOWER-ML15-0.4-A Datasheet
720Kb / 7P
Commercial/Medical International Linears
logo
PULS GmbH
ML15.051 PULS-ML15.051 Datasheet
465Kb / 22P
5V, 3A, SINGLE PHASE INPUT
ML15.121 PULS-ML15.121 Datasheet
534Kb / 23P
12V, 1.3A, SINGLE PHASE INPUT
ML15.241 PULS-ML15.241 Datasheet
535Kb / 23P
24V, 0.63A, SINGLE PHASE INPUT
More results

Similar Description - ML1565

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3433 LINER-LT3433 Datasheet
183Kb / 12P
High Voltage Step-Up/Step-Down DC/DC Converter
logo
Torex Semiconductor
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
Step-Up & Down DC / DC Controller ICs
logo
List of Unclassifed Man...
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
BCD Semiconductor Manuf...
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Linear Technology
LT3433 LINER-LT3433_1 Datasheet
238Kb / 16P
High Voltage Step-Up/Step-Down DC/DC Converter
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
0.8A Step Down / Step Up / Inverting DC-DC Converter
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063D BCDSEMI-AZ34063D Datasheet
812Kb / 14P
1A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com