Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML1565 Datasheet(PDF) 2 Page - Minilogic Device Corporation Limited

Part # ML1565
Description  Step-Up-Down DC-DC Converts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1565 Datasheet(HTML) 2 Page - Minilogic Device Corporation Limited

  ML1565 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
P2/21
Rev. C, Sep 2005
ML1565
■ Function Diagram
Absolute Maximum Ratings (VOUTSU=3.3V, TA=0℃ to + 85℃unless otherwise noted.)
Parameter
Ratings
Unit
OUTSU_, INSD, SDOK, ON_, FB_, FBSEL_ to GND
-0.3V to +6V
V
PGND to GND
-0.3V to +0.3V
V
DL_ to PGND
-0.3V to OUTSU + 0.3V
V
LXSU Current(Note 1)
3.6A
A
LXSU Current(Note 1)
2.25A
A
REF, OSC, COMP_ to GND
-0.3V to OUTSU + 0.3V
V
Continuous Power Dissipation(TA = +70℃)
32-Pin Thin QFN (derate 22mW/℃above +70℃)
1700mW
mW
Operating Temperature Range
-40℃to + 85℃
℃
Junction Temperature
+150℃
℃
Storage Temperature Range
-65℃ to + 150℃
℃
Lead Temperature (soldering, 10s)
+300℃
℃
Note 1: LXSU has internal clamp diodes to OUTSU and PGND, and LXSD has internal clamp diodes to
INSD and PGND.
Applications that forward bias these diodes should take care not to exceed the devices power
dissipation limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com