Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML1565 Datasheet(PDF) 13 Page - Minilogic Device Corporation Limited

Part # ML1565
Description  Step-Up-Down DC-DC Converts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1565 Datasheet(HTML) 13 Page - Minilogic Device Corporation Limited

Back Button ML1565 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 12Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 13Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 14Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 15Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 16Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 17Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
P13/21
Rev. C, Sep 2005
ML1565
Detailed Description (4)
Low-Voltage Startup Oscillator
The ML1565 internal control and reference-voltage
circuitry receive power from OUTSU and do not function
when OUTSU is less than 2.5V. To ensure low-voltage
startup, the step-up employs a low-voltage startup
oscillator that activates at 0.9V. The startup oscillator
drives the internal N-channel MOSTFET at LXSU until
OUTSU reaches 2.5V, at which point voltage control is
passed to the current-mode PWM circuitry.
Once in regulation, the ML1565 operates with inputs as
low as 0.7V since internal power for the IC is supplied by
OUTSU. At low input voltages, the ML1565 can have
difficulty starting into heavy loads.
Soft-Start
The ML1565 step-down and AUX_ channels feature a
soft-start function that limits inrush current and prevents
excessive battery loading at startup by ramping the output
voltage to the regulation voltage. This is achieved by
increasing the internal reference inputs to the controller
transconductance amplifiers from 0V to the 1.25V
reference voltage over 4096 oscillator cycles (8ms at
500kHz) when initial power is applied or when a channel
is enabled. Soft-start is not included in the step-up
converter in order to avoid limiting startup capability with
loading.
Shutdown
The step-up converter is activated with a high input at
ONSU.
The
step-down
and
auxiliary
DC-to-DC
converters1, 2, and 3 activate with a high input at ONSD,
ON1,
ON2,
and
ON3,
respectively.
The
auxiliary
controllers and step-down cannot be activated until
OUTSU is in regulation. For automatic startup, connect
ON_ to OUTSU or a logic level greater than 1.6V.
Design Procedure (1)
Setting the Switching Frequency
Choose a switching frequency to optimize external
component size or circuit efficiency for any particular
ML1565
application.
Typically,
switching
frequencies
between 300kHz and 600kHz offer a good balance
between component size and circuit efficiency. Higher
frequencies generally allow smaller components and lower
frequencies give better conversion efficiency. The switching
frequency is set with an external timing resistor (Rosc) and
capacitor (Cosc). At the beginning of a cycle, the timing
capacitor charges thought the resistor until it reaches VREF.
The charge time, t1, is:
t1 = -Rosc Cosc In [ 1 - 1.25 / VOUTSU ]
Table 1. Voltage Setting Summary
Channel
FB_
FB THRESHOLD
(FBSEL_LOW)
FB THRESHOLD
(FBSEL_HIGH)
FBSU
3.35V
FBSD
1.5V
FB1
5V
1.25V
FB2
FB2
Always 1.25V
(FBSEL
is
not
provided
for
these
channels)
The capacitor voltage is then given time (t2 = 300ns) to
discharge. The oscillator frequency is
fOSC = 1 / (t1 + t2)
fOSC can operate from 100kHz to 1MHz. Choose Cosc
between 47pF and 470pF. Determine Rosc from the
equation:
Rosc = (300ns – 1 / fOSC) / ( Cosc In [ 1-1.25/VOUTSU] )
See the Typical operating Characteristics for fOSC versus
ROSC using different values of COSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com