Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # PLC
Description  RTD temperature sensor with CANopen interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

PLC Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  PLC Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Type 8412
3 | 11
Visit product website 
1.
General technical data
Product properties
Material
Please make sure the device materials are compatible with the fluid you are using.
Detailed information can be found in chapter “3.1. Chemical Resistance Chart – Bürkert resistApp” on page 5.
Non wetted parts
Housing
Stainless steel 1.4571 (316Ti)
Wetted parts
Process connection
• G or NPT variant: stainless steel 1.4571 (316Ti)
• Clamp variant: stainless steel 1.4435 (316L)
Protection tube
• G or NPT variant: stainless steel 1.4571 (316Ti)
• Clamp variant: stainless steel 1.4435 (316L)
Dimensions
Detailed information can be found in chapter “4. Dimensions” on page 6.
Weight
Approx. 80 g for the variant with thread connection and 100 mm probe length.
The weight of the temperature sensor depends on the process connection and the inser-
tion length.
Measuring element
Pt1000 temperature sensor, two-wire circuit
Measuring probe length
25, 30, 50, 100 or 150 mm
Measuring range
- 50…+ 150 °C (- 58…+ 302 °F)
Monitoring
• Measuring circuit
– Underrange (freely selectable lower limit)
– Overrange (freely selectable upper limit)
• Probe short circuit
• Probe break
Additional function
• Min./max. measured value memory
• Fine adjustment
• Toggling between °C, °F, °K
• Decimal places selectable 0, 1, 2
Performance data
Sampling rate
250 ms
Transmission behaviour
Temperature linear
Measuring resolution
12 Bit
Measurement deviation
• Tolerance class A according to EN 60751:2009 / IEC 60751:2008
• Max. ± 0.2 % of the measuring range span
Response time
• t
0.5 = 5 s; t0.9 = 12 s, in water with a flow velocity of 0.4 m/s
• t
0.5 = 40 s; t0.9 = 110 s, in air with a flow velocity of 3.0 m/s
Electrical data
Operating voltage
10…30 V DC, filtered and regulated
Power source (not supplied)
The auxiliary energy of the pressure sensor must meet SELV requirements; optionally, an
energy-limited current circuit according to section 9.3 of DIN EN 31010-1 and UL 61010-1
can be used.
DC reverse polarity protection
Yes
Overvoltage protection
Yes
Short circuit protection
Yes
Protection class
Class III according to EN 61140
Current consumption
Approx. max. 45 mA
Recommended connection cable
5-wire shielded cable, length depends on the transmission speed. The physical CAN
transmission is standardized according to ISO 11898-2 (high-speed) and ISO 11898-3
(low-speed)
Medium data
Fluid
Liquid and gaseous medium
Fluid pressure
Max. 40 bar
Process/Pipe connection & communication
Process connection
• G ½" or NPT ½" screw-in thread according to EN 837
• Clamp ¾" according to DIN 32676 series B
Electrical connection
M12 × 1 male connector, 5 pin according to DIN IEC 60947-5-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com