Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # PLC
Description  RTD temperature sensor with CANopen interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

PLC Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button PLC Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Type 8412
7 | 11
Visit product website 
5.
Product operation
5.1. Functional overview
Temperature T
A/D
Calibration
Sensor monitoring
Scaling
Fine adjustment
Filters
Decimal places
Measuring
range monitoring
Min./Max.
indicator
Date/Name
Device functions
(Profile DS 404)
EMERGENCY
PDO
HEARTBEAT
SYNC
NMT
LSS
1
2
3
4
5
6
7
8
9
10
11
Probe break/
Probe short-circuit
Measured value, 32 bit
Status, 8 bit
Parameters
Measured values
Status
12
SDO
13
14
15
16
17
No. Description
1
The measured temperature value is digitized.
2
The temperature signal is adjusted digitally per default.
3
The sensor monitoring continuously checks the correct function of the sensor signal and triggers high-priority emergency
frames in the event of an error.
4
The measured temperature value can be scaled to any measuring units (or in % of the measuring range).
5
The fine adjustment features a freely adjustable characteristic line offset.
6
Undesired signal fluctuations can be suppressed using the adjustable filter constant.
7
The measurement output has a freely selectable decimal place.
8
Free choice of upper and lower limits for range monitoring. The result is given as a status byte in addition to the measurement
in the PDO frame.
9
The drag pointer (“min./max. index”) function records the minimum and maximum temperature values.
10 The date and name of the last maintenance operation can be saved.
11 The emergency frame is triggered in the event of a sensor fault.
12 The PDO frame contains a 32-bit measurement and a 8-bit status. The measurement output can be controlled by means of
different trigger conditions.
13 SDO frames can be used to set parameters and to request measured values and statuses.
14 The heartbeat signal can be used to additionally monitor the function of the transmitter.
15 The sync command can also be used to control the transfer of the measured values.
16 The NMT frames are for the purpose of controlling the operating status of the transmitter.
17 The CAN Node ID and the CAN baud rate are set either with LSS or SDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com