Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # PLC
Description  RTD temperature sensor with CANopen interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

PLC Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button PLC Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Type 8412
9 | 11
Visit product website 
7.3. Ordering chart
Note:
All following versions have a 10…30 V DC operating voltage and a CANopen digital interface.
Process connection
Temperature range
Probe length
Article no.
[°C]
[mm]
G ½"
- 50…+ 150
50
574638 
100
574639 
NPT ½"
50
574640 
100
574641 
Clamp ¾"
25
574320 
30
574321 
50
572034 
100
572035 
150
572036 
Further versions on request
Process connection
Screw-in thread G ¼", G ⅜", M14 x 1.5, M18 x 1.5 and
M20 x 1.5
Temperature
- 50…+ 450 °C
Additional
• Pt1000 temperature sensor, two-wire circuit, class B according to EN 60751:2009 / IEC 60751:2008
• Insertion length: 150, 200 or 250 mm
7.4. Ordering chart accessories
Note:
• büS communication specifications are based on CANopen.
• All following accessories can be used for CANopen as well.
Description
Article no.
System connection
Type ME43 Gateway / Interface
büS/Ethernet (Profinet, Ethernet/IP, Modbus TCP, EtherCAT)
307390 
büS/Profibus DP
307393 
Interface accessories
büS Stick Set
USB-büS-Interface Set 1, Type 8923. Detailed information can be found in chapter “6. Product ac-
cessories” on page 8.
772426 
USB-büS Interface Set 2, Type 8923 (only büS Stick, cable and büS service cable)
772551 
Connectors and sockets
büS Y-connector, 5 pin M12 female to 5 pin M12 male and 5 pin M12 female
772420 
büS Y-connector, 5 pin M12 female to 5 pin M12 male and 5 pin M12 female (power interrupt)
772421 
büS adaptor M12 male A-coded - M12 male A-coded
772867 
büS termination, 5 pin M12 male cable plug
772424 
büS termination, 5 pin M12 female cable plug
772425 
Extensions
5 pin M12 female and male straight cable plug moulded on cable (0.5 m, shielded)
772403 
5 pin M12 female and male straight cable plug moulded on cable (1 m, shielded)
772404 
5 pin M12 female and male straight cable plug moulded on cable (3 m, shielded)
772405 
5 pin M12 female and male straight cable plug moulded on cable (5 m, shielded)
772406 
5 pin M12 female and male straight cable plug moulded on cable (10 m, shielded)
772407 
5 pin M12 female and male straight cable plug moulded on cable (20 m, shielded)
772408 



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com