Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # PLC
Description  RTD temperature sensor with CANopen interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

PLC Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  PLC Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Type 8412
4 | 11
Visit product website 
Digital communication: CANopen
Protocol
CiA DS 301, V4.02, CANopen slave
Profile
CiA DS 404, V1.2; measuring devices and closed-loop controllers
Baud rate
20 kbaud to 1 Mbaud, setting via LSS or SDO
Node ID
1 to 127 setting via LSS or SDO
PDO
0 Rx, 1 Tx
SDO
1 Rx, 1 Tx
Emergency
Yes
Heartbeat
Yes (if active, then Node Guarding deactivated)
Node Guarding
Yes (if active, then Heartbeat deactivated)
LSS
Yes
SYNC
Yes
Operation and project planning
All parameters are accessible via the CANopen object directory (EDS) and can be set via
standard CANopen software tools or Bürkert Communicator.
EDS (electronic data sheet)
• Device driver in Bürkert Communicator tool Type 8920, see “Bürkert Communicator” on
the website in the Software chapter Type 8920 
• See “Device Description Files” on the website in the Software chapter Type 8412 
Factory setting
See “Operating Instructions Type 8412“ on the website in the User Manuals chapter Type
8412 
Approvals and certificates
Directives
CE directive
The applied standards, which verify conformity with the EU Directives, can be found on the
EU Type Examination Certificate and/or the EU Declaration of conformity (if applicable)
Pressure equipment directive
• The device does not meet the requirements for “safety accessories” within the meaning
of the Pressure Equipment Directive 2014/68/EU.
• Complying with article 4, paragraph 1 of 2014/68/EU directive
Detailed information on the pressure equipment directive can be found in chapter “2.1.
Pressure equipment directive” on page 5.
Environment and installation
Ambient temperature
Operation
- 20…+ 85 °C (- 4…+ 185 °F)
Storage
- 40…+ 85 °C (- 40…+ 185 °F)
Temperature influence
≤ ± 0.0025 % of the measuring span per K deviation from 22 °C
Relative air humidity
• During operation: ≤ 100 %, without condensation on the outer housing surface of the
device
• During storage: ≤ 90 %, without condensation
Climate class
3K7 according to EN 60721-3-3
Application range
Indoors and outdoors (protect this device against electromagnetic interference, ultraviolet
rays and the effects of climatic conditions)
Degree of protection according to IEC/
EN 60529
IP67 with female connector screwed on
Mounting position
Installation: unrestricted



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com