Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # PLC
Description  RTD temperature sensor with CANopen interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

PLC Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  PLC Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Visit product website 
DATA SHEET
Type ME43
Fieldbus gateway
PLC
With CANopen interface
Integration into CANopen and büS
networks
Standard | EU | en | 202209 | 03
RTD temperature sensor with CANopen
interface
• Single resistance thermometer Type Pt1000
• Process connections: G ½", NPT ½" or clamp ¾"
• Temperature measurement range: - 50…+ 150 °C
• Limit value monitoring function
• Access to measured value, device status and settings via the CAN-
open interface
Resistance thermometers are the preferred choice for measuring the temper-
ature of liquids and gases. The design offers reliable tightness under negative
and positive pressure.
The measuring insert is equipped with a Pt1000 temperature sensor accord-
ing to DIN EN 60751, Class A. The measured temperature value is digitised,
linearised and made available via the CANopen digital communication inter-
face (CAN slave) for further processing.
Instead of an analogue output, this device offers the CANopen digital inter-
face. This allows bidirectional data transfer, e.g. with a CAN/Ethernet gateway
or directly to a PLC that is equipped with a CAN interface. CAN devices can
also be connected to the Bürkert büS digital communication interface. A
driver used for data exchange and settings of the 8412 is integrated in the
Bürkert PC tool Communicator.
Several useful auxiliary functions have been implemented through the DS 404
device profile.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8412
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - PLC

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PLC LSTD-PLC Datasheet
428Kb / 1P
Heavy-duty construction
logo
PHOENIX CONTACT
PLC PHOENIX-PLC Datasheet
189Kb / 3P
Accessories for the PLC INTERFACE Series
logo
Christian Bürkert GmbH ...
PLC BURKERT-PLC Datasheet
912Kb / 11P
Pressure transmitter with CANopen interface
18.04.2023
logo
HMS Networks.
PLC HMS-PLC Datasheet
390Kb / 2P
Control System (PLC) to Control System (PLC)
logo
Qualtek Electronics Cor...
PLC-025 QUALTEK-PLC-025 Datasheet
1Mb / 2P
25Watts Single Output LED Driver
More results

Similar Description - PLC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100 TI-TMP100 Datasheet
221Kb / 10P
Digital Temperature Sensor with I2C Interface
logo
Analog Devices
ADT7484A AD-ADT7484A Datasheet
413Kb / 16P
Digital Temperature Sensor with SST Interface
7/06-Revision 0
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
Digital Temperature Sensor with SPI??Interface
2002
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Texas Instruments
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
TMP100NA250G4 TI-TMP100NA250G4 Datasheet
761Kb / 19P
Digital Temperature Sensor with I2C Interface
TMP100-Q1 TI-TMP100-Q1_15 Datasheet
229Kb / 20P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
Digital Temperature Sensor with SPI Interface
05/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com