Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  Modular valve island for pneumatics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 2000 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Type 8640
6 | 32
Visit product website 
1.2. Solenoid valves Type 6524 and Type 6525
• The pilot valves Type 6524  (single and double valve) and Type 6525  (single valve) consist
of a pilot flipper solenoid valve Type 6144 and a pneumatic seat valve.
• The operating principle allows switching of high pressures with low power consumption and
short switching times.
• The pilot valves are equipped with a manual override as standard.
• The pneumatic flange pattern of the pilot valves Type 6524 and 6525 (single valves) for
Type 8640 REV3 has been standardised. There is a difference to the flange pattern of the pilot
valves for Type 8640 REV2. It is therefore imperative to take into account the different article
numbers of the pilot valves as described in chapter “9.3. Ordering chart replacement valves”
on page 23.
• Further information about ordering information can be found in chapter “9.3. Ordering chart
replacement valves” on page 23.
• Further information about further valve options can be found in chapter “9.4. Ordering chart
accessories” on page 27.
Pilot valve Type
Type 6524, Type 6525
Type 6524
Circuit function
3/2 and 5/2-way valve
2 × 3/2-way valve
Product properties
Materials
Body
PA (polyamide)
Seal
FKM, NBR and PUR
Width per station
11 mm
Manual override
Standard
Pneumatic module
With plug-in coupling, Ø 6 mm, Ø ¼"
Performance data
Pressure data
Overpressure to atmospheric pressure
Flow rate Q
Nn value air
Measured at + 20 °C, 6 bar pressure at valve inlet and 1 bar difference pressure, see “9.3.
Ordering chart replacement valves” on page 23.
Duty cycle
Continuous operation (100 % duty cycle)
Switching time
Measured according to ISO 12238
Electrical data
Operating voltage
24 V DC (10 % residual ripple permissible)
Nominal power of each valve
0.8 W
2 × 0.8 W with reduction of power
Medium data
Operating medium
Oil-free or lubricated compressed dry air, neutral gases (5 μm filter recommended)
Process/Port connection & communication
Service port 2 (A), 4 (B)
Plug-in coupling Ø 6 mm, Ø ¼"
Air supply connection
1 (P), 3 (R), 5 (S)
G ¼
Electrical connection (on valve)
Rectangular plug, 2-pin, grid spacing 5.08 mm
Cable with strands 1.)
Rectangular plug, 3-pin, grid spacing 2.54 mm
Cable with strands 1.)
Environment and installation
Installation position
As required, preferably with actuator upright
Mounting condition
With 2 screws M2 × 20
With 2 screws M2 × 28
1.) Versions with safety-related shutdown. The switching contact must be located in the same control cabinet as the valve block. The line length must be limited to a maximum of 2 m.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com