Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  Modular valve island for pneumatics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 2000 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Type 8640
8 | 32
Visit product website 
1.4. Solenoid valves Type 6526 and Type 6527
• The solenoid valve Type 6526  and Type 6527  consist of a pneumatic valve body fitted with
a Type 6106  rocker solenoid valve.
• The operating principle allows high pressures to be switched with low power consumption and
short switching times.
• The solenoid valves are equipped with manual override as a standard.
• Further information about ordering information can be found in chapter “Solenoid valves
Type 6526 and Type 6527” on page 25.
• Further information about further valve options can be found in chapter “9.4. Ordering chart
accessories” on page 27.
Pilot valve Type
Type 6526
Type 6527
Circuit function
3/2-way valve
5/2-way valve
Product properties
Material
Body
PA (polyamide)
Seal
NBR
Width per station
16.5 mm
Manual override
Standard
Pneumatic modules
With plug-in coupling, Ø 8 mm
Performance data
Pressure data
Overpressure to atmospheric pressure
Flow Q
Nn value air
300 l/min measured at + 20 °C, 6 bar pressure at valve inlet and 1 bar differential pressure, see
“9.3. Ordering chart replacement valves” on page 23.
Nominal operating mode
Continuous operation (100 % duty cycle)
Switching time
Measured according to ISO 12238
Electrical data
Operating voltage
24 V DC ± 10 %
Electrical connection (on valve)
Tag connector according to DIN EN 175301 - 803 (previously DIN 43650) form C
Nominal power of each valve
2 W, 1 W
Medium data
Medium
Oil-free or lubricated compressed dry air, neutral gases (5 μm filter recommended)
Process/Port connection & communication
Service port 2 (A), 4 (B)
Plug-in coupling, Ø 8 mm
Air supply connection
1 (P), 3 (R), 5 (S)
G ⅜
Environment and installation
Installation position
As required, preferably with solenoid valve upright
Mounting condition
With 2 screws M3 × 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com