Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  Modular valve island for pneumatics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Type 8640
9 | 32
Visit product website 
1.5. Solenoid valve Type 5470
• The solenoid valve Type 5470  consist of a pneumatic valve body fitted with Type 6106 
rocker pilot valve. An armature with a tilting bearing, similar or a rocker, tilts within the body
of the pilot valve, and switches the valve. The minimal tilting movement of the rocker is
non-wearing, and basic lubrication is unnecessary.
• Type 5470 R is available as a 3/2 and 4/2-way valve.
• The valves can be mounted together individually using the module flange. In various applica-
tions, they can be used advantageously as valve blocks. Different variants are available for
service ports 2 and 4.
• Further information about ordering information can be found in chapter “Solenoid valves
Type 5470” on page 26.
• Further information about further valve options can be found in chapter “9.4. Ordering chart
accessories” on page 27.
Pilot valve Type
Type 5470
Circuit function
3/2-way and 4/2-way valve
Product properties
Material
Body
PA (Polyamide)
Seal
NBR
Width per station
18 mm
Nominal diameter
DN 4.0
Performance data
Nominal operating mode
Continuous operation (100 % duty cycle)
Electrical data
Operating voltage
24 V DC, 110…120 V DC, 220…240 V DC (for alternating current, use valves with UC coil)
Electrical connection (on valve)
Tag connector according to DIN 43 650 Form C, for cable plug Type 2516
Voltage tolerance
± 10 %
Medium data
Medium
Oil-free or lubricated compressed dry air (5 μm filter recommended)
Medium temperature
- 10…+ 50 °C
Process/Port connection & communication
Service port connections 2 and 4
(variants)
Threaded port G ⅛, threaded port NPT ⅛, tube connection SL 6/4 mm, plug-in coupling Ø 6 mm
Air supply connections 1 and 3
Module flange
Approvals and conformities
Degree of protection
IP65 (with cable plug)
Further information can be found in chapter “4. Approvals and conformities” on page 14.
Environment and installation
Installation position
As required, preferably with actuator upright
Ambient temperature
- 10…+ 55 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com