Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  Modular valve island for pneumatics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2000 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Visit product website 
DATA SHEET
Type 6524
3/2-way or 2 x 3/2-way
solenoid valve for
pneumatic applications
Type 6525
5/2-way solenoid valve
for pneumatic applica-
tions
Type 8614
Pneumatic control
cabinet solutions
for hygienic process
environments
Type 0498
Double pilot controlled
check valve for realising
5/3-way function with all
ports blocked
Type 2000
Pneumatically operated
2/2-way angle seat valve
CLASSIC
Standard | EU | en | 2023 - 10 - 02 | 18
Modular valve island for pneumatics
• Compact design
• Modular configuration
• Higher flexibility in control cabinet due to AirLINE Quick
• Simple exchange of valves (with option “P-shut-off” – also possible
during operation)
The 8640 valve unit system is designed to solve diverse and complex control prob-
lems due to its systematic modular construction and combination of pneumatic
and electrical interfaces. By putting together a row of pneumatic modules with
different numbers of valves, 2 to 24 valve functionalities may be realized on one
valve unit. Electrical connectivity is achieved by either fieldbus interfaces, common
connection (parallel connection technique) or multipin interfaces. The valves allow
different applications to be covered. Bodies and connection modules are made of
high-quality plastic (polyamide) and are easy to assemble by means of the built-in
snap connectors.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8640
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 2000

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
2000 CDE-2000 Datasheet
107Kb / 1P
Snubber Capacitors Oil-Filled, Metallic Case for Snubber Applications
logo
Make-Ps
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
Single, Dual, Triple Output DC/DC Converter
logo
Keysight Technologies
2000 KEYSIGHT-2000 Datasheet
2Mb / 24P
InfiniiVision 2000 X-Series Oscilloscopes
logo
3M Electronics
2000 3M-2000 Datasheet
15Kb / 2P
2000 Electrician’s Duct Tape
logo
Enercon Technologies Eu...
2000 ENERCON-2000 Datasheet
847Kb / 3P
Military Ethernet to Serial, GPIO Unit
July 24, 2023
More results

Similar Description - 2000

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2001-552 WAGO-2001-552 Datasheet
313Kb / 8P
Modular TOPJOB짰S connector; modular; for jumper contact slot
24.11.2021
logo
Schneider Electric
STBXCA1001 SCHNEIDER-STBXCA1001 Datasheet
118Kb / 2P
Modicon STB - island bus extension cable - for STBXBE1100 - 0.3 m
Apr 12, 2022
STBXCA1002 SCHNEIDER-STBXCA1002 Datasheet
117Kb / 2P
Modicon STB - island bus extension cable - for STBXBE1100 - 1 m
Apr 11, 2022
STBXCA1003 SCHNEIDER-STBXCA1003 Datasheet
118Kb / 2P
Modicon STB - island bus extension cable - for STBXBE1100 - 4.5 m
Apr 12, 2022
STBXCA1004 SCHNEIDER-STBXCA1004 Datasheet
117Kb / 2P
Modicon STB - island bus extension cable - for STBXBE1100 - 10 m
Apr 12, 2022
STBXCA1006 SCHNEIDER-STBXCA1006 Datasheet
117Kb / 2P
Modicon STB - island bus extension cable - for STBXBE1100 - 14 m
Apr 12, 2022
TPRBCPFB SCHNEIDER-TPRBCPFB Datasheet
114Kb / 3P
Bus coupler, TeSys island, PROFIBUS
May 9, 2022
TPRBCPFN SCHNEIDER-TPRBCPFN Datasheet
114Kb / 3P
Bus coupler, TeSys island, PROFINET
May 9, 2022
TPRSM001 SCHNEIDER-TPRSM001 Datasheet
106Kb / 3P
SIL interface module, TeSys island
May 9, 2022
TPRVM001 SCHNEIDER-TPRVM001 Datasheet
106Kb / 3P
Voltage interface module, TeSys island
May 9, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com