Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 28 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  Modular valve island for pneumatics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 28 Page - Christian Bürkert GmbH & Co. KG

Back Button 2000 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 29Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 30Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 31Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 32Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Type 8640
28 | 32
Visit product website 
9.5. Ordering chart spare parts
Spare parts SVVI for Type 8640, REV1, REV2 – Pneumatics 11 mm width per station
Pos.
Description
Content
Article no.
1
Spare valves see “9.3. Ordering chart replacement valves” on page 23
–
–
2
Cover plate see “9.4. Ordering chart accessories” on page 27
–
–
3
Set of valve seals
–
–
Spare valve seals FM20 for Type 6524, 2 x 3/2-way solenoid valve
12
20016305 
Spare valve seals FM15 for Type 6524, 3/2-way solenoid valve
12
20024333 
Spare valve seats FM14 for Type 6525, 5/2-way solenoid valve
12
20024334 
Spare valve seals FM16 for Type 0460
12
20024330 
4
Sets of module seals
–
–
Spare module seals for Type MP11
4
20040779 
5
Supply units
o. r.
o. r.
6
Base modules
o. r.
o. r.
7
Sets of electronic modules
–
–
8
AirLINE Quick spare parts see “9.4. Ordering chart accessories” on page 27
–
–
o. r. = on request
7
7
7
7
7
7
5
6
6
6
6
6
5
1
5
5
5
1 2
2
1
1
1
5
4
4
4
4
4
4
2
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com