Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7263 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # AS7263
Description  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7263 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button AS7263 Datasheet HTML 2Page - OSRAM GmbH AS7263 Datasheet HTML 3Page - OSRAM GmbH AS7263 Datasheet HTML 4Page - OSRAM GmbH AS7263 Datasheet HTML 5Page - OSRAM GmbH AS7263 Datasheet HTML 6Page - OSRAM GmbH AS7263 Datasheet HTML 7Page - OSRAM GmbH AS7263 Datasheet HTML 8Page - OSRAM GmbH AS7263 Datasheet HTML 9Page - OSRAM GmbH AS7263 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Datasheet, Public
Page 5
[v4-00] 2022-Nov-30
Document Feedback
AS7263 − Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under
Electrical Characteristics is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability. The device is not designed for high energy UV
(ultraviolet) environments, including upward looking outdoor
applications, which could affect long term optical performance.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD1_MAX
Supply voltage VDD1
-0.3
5
V
Pin VDD1 to GND
VDD2_MAX
Supply voltage VDD2
-0.3
5
V
Pin VDD2 to GND
VDD_IO
Input/Output pin
voltage
-0.3
VDD+0.3
V
Input/Output Pin to GND
ISCR
Input current
(latch-up immunity)
± 100
mA
JESD78D
Electrostatic Discharge
ESDHBM
Electrostatic discharge
HBM
± 1000
V
JS-001-2014
ESDCDM
Electrostatic discharge
CDM
± 500
V
JSD22-C101F
Temperature Ranges and Storage Conditions
TSTRG
Storage temperature
range
-40
85
°C
TBODY
Package body
temperature
260
°C
IPC/JEDEC J-STD-020
The reflow peak soldering
temperature (body
temperature) is specified
according to IPC/JEDEC
J-STD-020
“Moisture/Reflow
Sensitivity Classification
for Non-hermetic Solid
State Surface Mount
Devices.”
RHNC
Relative humidity
(non-condensing)
585
%
MSL
Moisture sensitivity
level
3
Maximum floor life time of
168 hours
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com