Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7263 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # AS7263
Description  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7263 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button AS7263 Datasheet HTML 4Page - OSRAM GmbH AS7263 Datasheet HTML 5Page - OSRAM GmbH AS7263 Datasheet HTML 6Page - OSRAM GmbH AS7263 Datasheet HTML 7Page - OSRAM GmbH AS7263 Datasheet HTML 8Page - OSRAM GmbH AS7263 Datasheet HTML 9Page - OSRAM GmbH AS7263 Datasheet HTML 10Page - OSRAM GmbH AS7263 Datasheet HTML 11Page - OSRAM GmbH AS7263 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Datasheet, Public
Page 7
[v4-00] 2022-Nov-30
Document Feedback
AS7263 − Electrical Characteristics
Note(s):
1. 15μA over temperature.
2. Guaranteed, not tested in production.
Digital Inputs and Outputs
IIH, IIL
Logic input current
Vin=0V or VDD
-1
1
μA
IILRESN
Logic input current (RESN
pin)
Vin=0V
-1
-0.2
mA
VIH
CMOS logic high input
0.7*
VDD
VDD
V
VIL
CMOS logic low input
0
0.3*
VDD
V
VOH
CMOS logic high output
I=1mA
VDD -
0.4
V
VOL
CMOS logic low output
I=1mA
0.4
V
tRISE
(2)
Current rise time
C(Pad)=30pF
5
ns
tFALL
(2)
Current fall time
C(Pad)=30pF
5
ns
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com