Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7263 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # AS7263
Description  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7263 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button AS7263 Datasheet HTML 6Page - OSRAM GmbH AS7263 Datasheet HTML 7Page - OSRAM GmbH AS7263 Datasheet HTML 8Page - OSRAM GmbH AS7263 Datasheet HTML 9Page - OSRAM GmbH AS7263 Datasheet HTML 10Page - OSRAM GmbH AS7263 Datasheet HTML 11Page - OSRAM GmbH AS7263 Datasheet HTML 12Page - OSRAM GmbH AS7263 Datasheet HTML 13Page - OSRAM GmbH AS7263 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Datasheet, Public
Page 9
[v4-00] 2022-Nov-30
Document Feedback
AS7263 − Timing Characteristics
Figure 8:
I²C Slave Timing Diagram
Figure 9:
AS7263 SPI Timing Characteristics
Note(s):
1. Guaranteed, not tested in production
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SPI Interface
fSCK
Clock frequency
0
16
MHz
tSCK_H
Clock high time
31.25
ns
tSCK_L
Clock low time
31.25
ns
tSCK_RISE
SCK rise time
5
ns
tSCK_FALL
SCK fall time
5
ns
tCSN_S
CSN setup time
Time between CSN high-low
transition to first SCK high
transition
5ns
tCSN_H
CSN hold time
Time between last SCK
falling edge and CSN
low-high transition
5ns
tCSN_DIS
CSN disable time
10
ns
tDO_S
Data-Out setup time
5
ns
tDO_H
Data-Out hold time
5
ns
tDI_V
Data-In valid
10
ns
SCL
SDA
tSU:STA
tLOW
tHIGH
tF
tR
tHD:STA
tSU:STO
tSU:DAT
tHD:DAT
tBUF
VIH
VIL
PS
SP
Stop
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com